Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8569E Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
High-Speed SerDes Interfaces (HSSI)
Freescale Semiconductor
84
Figure 43. Differential Measurement Points for Rise and Fall Time
Figure 44. Single-Ended Measurement Points for Rise and Fall Time Matching
Differential input high voltage
VIH
200
—
—
mV
4
Differential input low voltage
VIL
—
—
–200
mV
4
Rising edge rate (SDn_REF_CLK) to falling edge rate
(SDn_REF_CLK) matching
Rise-Fall
Matching
——
20
%
5, 6, 7
Notes:
1. Caution: Only 100 and 125 have been tested. In-between values will not work correctly with the rest of the system.
2. Limits from PCI Express CEM Rev 2.0
3. Measured from –200 mV to +200 mV on the differential waveform (derived from SD_REF_CLK minus SD_REF_CLK). The
signal must be monotonic through the measurement region for rise and fall time. The 400 mV measurement window is
centered on the differential zero crossing. See Figure 43.
4. Measurement taken from differential waveform
5. Measurement taken from single-ended waveform
6. Matching applies to rising edge for SD_REF_CLK and falling edge rate for SD_REF_CLK. It is measured using a 200 mV
window centered on the median cross point where SD_REF_CLK rising meets SD_REF_CLK falling. The median cross point
is used to calculate the voltage thresholds that the oscilloscope uses for the edge rate calculations. The rise edge rate of
SD_REF_CLK must be compared to the fall edge rate of SD_REF_CLK, the maximum allowed difference should not exceed
20% of the slowest edge rate. See Figure 44.
7. System/board must be designed to ensure the input requirement to the device is achieved. Proper device operation is
guaranteed for inputs meeting this requirement by design, simulation, characterization, or functional testing
Table 48. SD_REF_CLK and SD_REF_CLK Input Clock Requirements (continued)
At recommended operating conditions with ScoreVDD = 1.0 V ± 3%. and 1.1 V ± 3%
Parameter
Symbol
Min
Typ
Max
Unit
Notes
VIH = +200 mV
VIL = –200 mV
0.0 V
SD_REF_CLK
–
SD_REF_CLK
Fall Edge Rate
Rise Edge Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com