Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 78 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 78 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 74Page - Intel Corporation 82375EB Datasheet HTML 75Page - Intel Corporation 82375EB Datasheet HTML 76Page - Intel Corporation 82375EB Datasheet HTML 77Page - Intel Corporation 82375EB Datasheet HTML 78Page - Intel Corporation 82375EB Datasheet HTML 79Page - Intel Corporation 82375EB Datasheet HTML 80Page - Intel Corporation 82375EB Datasheet HTML 81Page - Intel Corporation 82375EB Datasheet HTML 82Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 131 page
background image
82375EBSB
290477 – 58
Figure 16 Device Selection (DEVSEL )
5110 TRANSACTION TERMINATION
Termination of a PCI cycle can be initiated by either a master or a target The PCEB supports both master and
target initiated termination All transactions are concluded when FRAME
and IRDY
are both sampled
negated indicating that the PCI Bus is idle
51101 Master Initiated Termination
The PCEB supports three types of master initiated termination
 Completion Refers to the termination when the PCEB finishes the transaction normally This is the most
common type of termination
 Time-out Refers to termination when the PCEB’s GNT
line is negated and its internal Master Latency
Timer has expired The intended transaction is not necessarily concluded The timer may have expired
because of a target-induced access latency or because the intended operation was very long
 Abort Refers to termination when there is no target response (no DEVSEL
asserted) to a transaction
within the programmed DEVSEL
response time
Completions and time-outs are common while the abort is an abnormal termination A normal termination of
this type can be seen in Section 514 and 515 in the descriptions of the basic PCI read and write transaction
The PCEB sends out a master abort (Figure 17) when the target does not respond to the PCEB-initiated
transaction by asserting DEVSEL
The PCEB checks DEVSEL
based on the programmed DEVSEL
sample point If DEVSEL
is not asserted by the programmed sample point the PCEB aborts the transaction
by negating FRAME
and then one clock later negating IRDY
The master abort condition is abnormal and
it indicates an error condition The PCEB does not retry the cycle
If the transaction is an EISA-to-PCI memory or IO write the PCEB terminates the EISA cycle with EXRDY If
the transaction is an EISA-to-PCI memory or IO read the PCEB returns FFFFFFFFh on the EISA Bus This is
identical to the way an unclaimed cycle is handled on the ‘‘normally ready’’ EISA Bus If the Line Buffer is the
requester of the PCI transaction the master abort mechanism ends the PCI cycle but no data is transferred
into or out of the Line Buffer The Line Buffer does not retry the cycle The Received Master Abort Status bit in
the PCI Status Register is set to 1 indicating that the PCEB issued a master abort
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com