Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 31 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 31 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 27Page - Intel Corporation 82375EB Datasheet HTML 28Page - Intel Corporation 82375EB Datasheet HTML 29Page - Intel Corporation 82375EB Datasheet HTML 30Page - Intel Corporation 82375EB Datasheet HTML 31Page - Intel Corporation 82375EB Datasheet HTML 32Page - Intel Corporation 82375EB Datasheet HTML 33Page - Intel Corporation 82375EB Datasheet HTML 34Page - Intel Corporation 82375EB Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 131 page
background image
82375EBSB
314 PCISTSPCI STATUS REGISTER
Address Offset
06 – 07h
Default Value
0200h
Attribute
Read Only ReadWrite Clear
Size
16 bits
This 16-bit register provides status information for PCI Bus-related events Some bits are readwrite clear
These bits are set to 0 whenever the register is written and the data in the corresponding bit location is 1 (R
WC) For example to clear bit 12 and not affect any other bits write the value 0001
0000
0000
0000b to
this register Note that for certain PCI functions that are not implemented in the PCEB the control bits are still
shown (labeled ‘‘not supported’’)
Bit
Description
15
Parity Error Status (PERRS)RWC
This bit is set to 1 whenever the PCEB detects a parity error
even if parity error handling is disabled (as controlled by bit 6 in the PCI Command Register)
Software sets PERRS to 0 by writinga1to this bit location
14
SERR
Status (SERRS)Not Supported
This bit is used to indicate that a PCI device asserted the
SERR
signal The PCEB does not implement this signal SERRS is always read as 0
13
Master Abort Status (MA)RWC
When the PCEB as a master generates a master abort this bit
is set to 1 Software sets MA to 0 by writinga1to this bit location
12
Received Target Abort Status (RTAS)RWC
When the PCEB as a master receives a target
abort condition this bit is set to 1 Software sets RTAS to 0 by writinga1to this bit location
11
Signaled Target Abort Status (STAS)Not Supported
This bit is set to 1 by a PCI target device
when they generate a Target Abort Since the PCEB never generates a target abort this bit is not
implemented and will always be read as a 0
109
DEVSEL Timing Status (DEVT)RO
This read only field indicates the timing of the DEVSEL
signal when PCEB responds as a target The PCI Specification defines three allowable timings for
assertion of DEVSEL
00befast 01bemedium and 10beslow (11b is reserved) DEVT indicates
the slowest time that a device asserts DEVSEL
for any bus command except configuration read
and configuration write cycles The PCEB implements medium speed DEVSEL
timing and
therefore DEVT 109 e01 when read
80
Reserved
315 RIDREVISION IDENTIFICATION REGISTER
Address Offset
08h
Default Value
03h (82375EB A-2 stepping)
04h (82375SB B-0 stepping)
Attribute
Read Only
Size
8 bits
This 8-bit register contains the device revision number of the PCEB Writes to this register have no effect
Bit
Description
70
Revision Identification Number
This 8-bit value is the revision number of the PCEB
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com