Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 28 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 28 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 24Page - Intel Corporation 82375EB Datasheet HTML 25Page - Intel Corporation 82375EB Datasheet HTML 26Page - Intel Corporation 82375EB Datasheet HTML 27Page - Intel Corporation 82375EB Datasheet HTML 28Page - Intel Corporation 82375EB Datasheet HTML 29Page - Intel Corporation 82375EB Datasheet HTML 30Page - Intel Corporation 82375EB Datasheet HTML 31Page - Intel Corporation 82375EB Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 131 page
background image
82375EBSB
Table 1 Configuration Registers
Address
Abbreviation
Register Name
Access
Offset
00 – 01h
VID
Vendor Identification
RO
02 – 03h
DID
Device Identification
RO
04 – 05h
PCICMD
Command Register
RW
06 – 07h
PCISTS
Status Register
RO RWC
08h
RID
Revision Identification
RO
09 – 0Ch
Reserved
0Dh
MLTIM
Master Latency Timer
RW
0E – 3Fh
Reserved
40h
PCICON
PCI Control
RW
41h
ARBCON
PCI Arbiter Control
RW
42h
ARBPRI
PCI Arbiter Priority Control
RW
43h
ARBPRIX
PCI Arbiter Priority Control Extension
RW
44h
MCSCON
MEMCS
Control
RW
45h
MCSBOH
MEMCS
Bottom of Hole
RW
46h
MCSTOH
MEMCS
Top of Hole
RW
47h
MCSTOM
MEMCS
Top of Memory
RW
48 – 49h
EADC1
EISA Address Decode Control 1
RW
4A – 4Bh
Reserved
4Ch
IORTC
ISA IO Recovery Time Control
RW
4Dh – 53h
Reserved
54h
MAR1
MEMCS
Attribute Register
1
RW
55h
MAR2
MEMCS
Attribute Register
2
RW
56h
MAR3
MEMCS
Attribute Register
3
RW
57h
Reserved
58h
PDCON
PCI Decode Control
RW
59h
Reserved
5Ah
EADC2
EISA Address Decode Control 2
RW
5Bh
Reserved
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com