Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 29 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 29 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 25Page - Intel Corporation 82375EB Datasheet HTML 26Page - Intel Corporation 82375EB Datasheet HTML 27Page - Intel Corporation 82375EB Datasheet HTML 28Page - Intel Corporation 82375EB Datasheet HTML 29Page - Intel Corporation 82375EB Datasheet HTML 30Page - Intel Corporation 82375EB Datasheet HTML 31Page - Intel Corporation 82375EB Datasheet HTML 32Page - Intel Corporation 82375EB Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 131 page
background image
82375EBSB
Table 1 Configuration Registers
(Continued)
Address
Abbreviation
Register Name
Access
Offset
5Ch
EPMRA
EISA-to-PCI Memory Region Attributes
RW
5D – 5Fh
Reserved
60 – 6Fh
MEMREGN 41
EISA-to-PCI Memory Region Address (4 Registers)
RW
70 – 7Fh
IOREGN 41
EISA-to-PCI IO Region Address (4 Registers)
RW
80 – 81h
BTMR
BIOS Timer Base Address
RW
84h
ELTCR
EISA Latency Timer Control Register
RW
85 – 87h
Reserved
88 – 8Bh
PTCR
PCEB Test Control Register
DO NOT WRITE
8C – FFh
Reserved
311 VIDVENDOR IDENTIFICATION REGISTER
Address Offset
00 – 01h
Default Value
8086h
Attribute
Read Only
Size
16 bits
The VID Register contains the vendor identification number This register along with the Device Identification
Register uniquely identify any PCI device Writes to this register have no effect
Bit
Description
150
Vendor Identification Number
This is a 16-bit value assigned to Intel
312 DIDDEVICE IDENTIFICATION REGISTER
Address Offset
02 – 03h
Default Value
0482h
Attribute
Read Only
Size
16 bits
The DID Register contains the device identification number This register along with the VID Register define
the PCEB Writes to this register have no effect
Bit
Description
150
Device Identification Number
This is a 16-bit value assigned to the PCEB
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com