Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 34 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 34 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 30Page - Intel Corporation 82375EB Datasheet HTML 31Page - Intel Corporation 82375EB Datasheet HTML 32Page - Intel Corporation 82375EB Datasheet HTML 33Page - Intel Corporation 82375EB Datasheet HTML 34Page - Intel Corporation 82375EB Datasheet HTML 35Page - Intel Corporation 82375EB Datasheet HTML 36Page - Intel Corporation 82375EB Datasheet HTML 37Page - Intel Corporation 82375EB Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 131 page
background image
82375EBSB
Bit
Description
7
Auto-PEREQ
Control (APC)
APC EnablesDisables control of the auto-PEREQ
function when
GAT mode is enabled via bit 0 (GATe1) When APCe1 (and GATe1) the PEREQ
signal is
asserted whenever the EISAHLDA signal is asserted When APCe0 the PEREQ
signal is not
automatically asserted but it will be activated upon PCI Bus request from any PCI agent After
PCIRST
APCe1 (enabled) See note
65
Reserved
43
Master Retry Timer (MRT)
This 2-bit field determines the number of PCICLKs after the first retry that
a PCI initiator’s bus request will be masked Note that for proper system operation this register must
be programmed with either 01 10 11
Bits 43
Operation
00
Timer disabled Retries never masked (Default)
01
Retries unmasked after 16 PCICLK’s
10
Retries unmasked after 32 PCICLK’s
11
Retries unmasked after 64 PCICLK’s
2
Bus Park (BP)
When BPe1 the PCEB will park CPUREQ
on the PCI Bus when it detects the PCI
Bus idle If BPe0 the PCEB takes responsibility for driving AD CBE
and PAR signals upon
detection of bus idle state After PCIRST
BPe0 (disabled)
1
Bus Lock (BL)
When BLe1 Bus Lock is enabled The arbiter considers the entire PCI Bus locked
upon initiation of any LOCKed transaction When BLe0 Resource Lock is enabled A LOCKed agent
is considered a LOCKed resource and other agents may continue normal PCI transactions After
PCIRST
BLe0 (disabled)
0
Guaranteed Access Time (GAT)
When GATe1 the PCEB is configured for Guaranteed Access
Time mode This mode guarantees the 21 ms CHRDY time-out specification for the EISAISA Bus
When the PCEB is a PCI initiator on behalf of an EISAISA master the PCI and main memory bus
(host) are arbitrated for in serial and must be owned before the EISAISA master is given ownership of
the EISA Bus If the PCEB is not programmed for Guaranteed Access Time (GATe0) the EISAISA
master is first granted the EISA Bus before the PCI Bus is arbitrated After a PCIRST
GATe0
(disabled)
319 ARBPRIPCI ARBITER PRIORITY CONTROL REGISTER
Address Offset
42h
Default Value
04h
Attribute
ReadWrite
Size
8 bits
This register controls the operating modes of the PCEB’s internal PCI arbiter The arbiter consists of four
arbitration banks that support up to six masters and three arbitration priority modesfixed priority rotating
priority and mixed priority modes See Section 54 PCI Bus Arbitration for details on programming and using
different arbitration modes
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com