Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 18 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 18 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 14Page - Intel Corporation 82375EB Datasheet HTML 15Page - Intel Corporation 82375EB Datasheet HTML 16Page - Intel Corporation 82375EB Datasheet HTML 17Page - Intel Corporation 82375EB Datasheet HTML 18Page - Intel Corporation 82375EB Datasheet HTML 19Page - Intel Corporation 82375EB Datasheet HTML 20Page - Intel Corporation 82375EB Datasheet HTML 21Page - Intel Corporation 82375EB Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 131 page
background image
82375EBSB
22 PCI Arbiter Signals
Pin Name
Type
Description
CPUREQ
in
CPU REQUEST
CPUREQ
asserted indicates that the Host CPU requests use of
the PCI Bus During PCIRST
this signal must be sampled high by the PCEB When
PCIRST
is asserted (and CPUREQ
is sampled high) the PCEB drives the AD
CBE
and PAR signals to keep them from floating
REQ 30
in
REQUEST
A bus master asserts the corresponding request signal to request the
PCI Bus
CPUGNT
out
CPU GRANT
The PCEB asserts CPUGNT
to indicate that the CPU master (Host
Bridge) has been granted the PCI Bus During PCI reset CPUGNT
is tri-stated
GNT 30
out
GRANT
The PCEB asserts one of the GNT 30 signals to indicate that the
corresponding PCI master has been granted the PCI Bus During PCI reset these
signals are tri-stated
MEMREQ
out
MEMORY REQUEST
If the PCEB is configured in Guaranteed Access Time (GAT)
Mode MEMREQ
is asserted when an EISA device or DMA requests the EISA Bus
The PCEB asserts this signal (along with FLSHREQ ) to indicate that the PCEB
requires ownership of main memory The PCEB asserts FLSHREQ
concurrently
with asserting MEMREQ
This signal is synchronous to the PCI clock During reset
this signal is driven high
FLSHREQ
MEMREQ
Meaning
1
1
Idle
0
1
Flush buffers pointing towards PCI
to avoid ISA deadlock
1
0
GAT enabled or disabled For buffer
coherency in APIC systems the
buffers pointing to main memory
must be flushed and disabled for the
duration of assertion
0
0
GAT mode Guarantee PCI Bus
immediate access to main memory
(this may or may not require the
PCI-to-main memory buffers to be
flushed first depending on the
number of buffers)
FLSHREQ
out
FLUSH REQUEST
FLSHREQ
is asserted by the PCEB to command all of the
system’s posted write buffers pointing towards PCI to be flushed This is required
before granting the EISA Bus to an EISA master or the DMA Note that for APIC
related buffer flush requests this signal is negated This signal is synchronous to the
PCI clock During reset this signal is driven high
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com