Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 65 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 65 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 61Page - Intel Corporation 82375EB Datasheet HTML 62Page - Intel Corporation 82375EB Datasheet HTML 63Page - Intel Corporation 82375EB Datasheet HTML 64Page - Intel Corporation 82375EB Datasheet HTML 65Page - Intel Corporation 82375EB Datasheet HTML 66Page - Intel Corporation 82375EB Datasheet HTML 67Page - Intel Corporation 82375EB Datasheet HTML 68Page - Intel Corporation 82375EB Datasheet HTML 69Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 131 page
background image
82375EBSB
5122 Special Cycle
Target support
None
Initiator support
None
5123 IO Read
Target support
Decode
Positive (PCEB and some ESC registers)
Subtractive
Data Path
Flow through
Response
The PCEB claims IO read cycles via positive or subtractive decoding and generates DEVSEL
The internal
PCEB registers (BIOS Timer) and the IDE and the 8259 registers are positively decoded Any unclaimed cycle
below 64 KByte is subtractively decoded and forwarded to the EISA Bus The IO read cycle is subject to retry
If the PCEB is locked if the cycle triggers buffer management activity or if the EISA Bus is occupied by an
EISAISA master or the DMA the IO read cycle is retried If the cycle gets retried due to an occupied EISA
Bus the EISA Bus is requested
Once an IO read cycle is accepted (not retried) by the PCEB the PCI Bus is held in wait states using TRDY
until the cycle is completed internally or on the EISA Bus
Burst IO reads to the EISA Bus or to the PCEB are not supported Therefore any burst IO read cycles
decoded by the PCEB are target terminated after the first data transaction using the disconnect semantics of
the STOP
signal (Disconnect A)
Result of no response on EISA The PCEB runs a standard length EISA IO cycle and terminates normally
Initiator support
The PCEB generates PCI Bus IO read cycles on behalf of an EISA master EISA cycles are forwarded to the
PCI Bus if the IO address is within one of four programmable IO address regions as defined in Section 40
Address Decoding
Result of no response on PCI Master abort due to DEVSEL
time-out PCEB returns data value FFFFFFFFh
5124 IO Write
Target support
Decode
Positive (PCEBESC registers)
Subtractive
Data Path
Flow through
Response
IO write cycles can be claimed by the PCEB via positive or subtractive decoding In either case the PCEB
generates DEVSEL
The internal PCEB registers (BIOS Timer) IDE registers and 8259 registers are positive-
ly decoded if enabled Any unclaimed cycle below 64 KByte is subtractively decoded and forwarded to the
EISA Bus The IO write cycle is subject to retry If the PCEB is locked if the cycle triggers buffer management
activity or if the EISA Bus is occupied by an EISAISA master or the DMA the IO write cycle is retried If the
cycle is retried due to an occupied EISA Bus the EISA Bus is requested
Once an IO write cycle is accepted (not retried) by the PCEB the PCI Bus is held in wait states using TRDY
until the cycle is completed within the PCEB or on the EISA Bus
Burst IO writes to the EISA Bus or to the PCEB are not supported Therefore any burst IO write cycles
decoded by the PCEB are target terminated after the first data transaction using the disconnect semantics of
the STOP
signal (Figure 5-12 Disconnect A)
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com