Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 61 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 61 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 57Page - Intel Corporation 82375EB Datasheet HTML 58Page - Intel Corporation 82375EB Datasheet HTML 59Page - Intel Corporation 82375EB Datasheet HTML 60Page - Intel Corporation 82375EB Datasheet HTML 61Page - Intel Corporation 82375EB Datasheet HTML 62Page - Intel Corporation 82375EB Datasheet HTML 63Page - Intel Corporation 82375EB Datasheet HTML 64Page - Intel Corporation 82375EB Datasheet HTML 65Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 131 page
background image
82375EBSB
For EISA-to-PCI transactions there are 2 modes of operation of the PCEB’s Line Buffers
 Buffered Read-prefetch write posting with data assembly
 Non-buffered Bypass path used
Accesses within the main memory address range are normally performed in buffered mode If there are
programmable memory regions defined within the main memory hole or above the top of the main memory
MEMREGN 41
then the mode of access depends on configuration bits of the EPMRA Register Access
attribute bits associated with these regions override the default buffered mode for a particular address range in
the case of programmable regions overlapping with active main memory regions
Access to the 64 KByte area at the top of 16 MBytes (FF0000 – FFFFFFh) on the PCI if this region is within
main memory or within the main memory hole and enabled via the EADC2 Register are always forwarded in a
non-buffered mode unless overlapped with a programmable region that defines buffered access mode
422 PROGRAMMABLE EISA-TO-PCI MEMORY ADDRESS REGIONS
The PCEB supports four programmable memory regions for EISA-to-PCI transfers The PCEB positively de-
codes EISA memory accesses to these regions and forwards the cycle to the PCI Bus This feature permits
EISA master accesses to PCI devices that reside within these address ranges
Regions can be enabled or disabled After reset all regions are disabled Each region has an associated Base
and Limit Address fields MEMREGN 41 that determine the size and location of each region These registers
are programmed with the starting address of the region (Base) and ending address of the region (Limit) The
address range for a particular region is defined by the following equation
Base
Address s Address s Limit
Address
These regions can be defined anywhere in the 4 GByte address space at 64 KByte boundaries and with
64 KByte granularity In practical applications the regions will be mapped within the main memory hole or
above the top of the memory defined by the MEMCS
map
Access to the memory locations within a region can be performed in one of two modes
 Non-Buffered Mode PCEB’s EISA-to-PCI Line Buffers can be disabled for all EISA-to-PCI memory read
write accesses through the PCICON Register or for selected accesses through EPMRA Register
 Buffered Mode Line Buffers enabled Read-prefetch and write-assemblyposting allowed (without strong
ordering)
Since buffered mode provides maximum performance (and concurrency in non-GAT mode) it should be
selected unless the particular region is used for memory-mapped IO devices IO devices can not be ac-
cessed in read-prefetch or write-assemblyposted fashion because of potential side-effects (see Section 60
Data Buffering)
423 PROGRAMMABLE EISA-TO-PCI IO ADDRESS REGIONS
The PCEB provides four programmable IO address regions These regions are defined by Base and Limit
addresses fields contained in the associated IOREGN 41 Registers These regions can be defined anywhere
within the 64 KByte IO space on Dword boundaries (and with Dword granularity) See Section 41 PCEB
Configuration Registers
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com