Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 30 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 30 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 26Page - Intel Corporation 82375EB Datasheet HTML 27Page - Intel Corporation 82375EB Datasheet HTML 28Page - Intel Corporation 82375EB Datasheet HTML 29Page - Intel Corporation 82375EB Datasheet HTML 30Page - Intel Corporation 82375EB Datasheet HTML 31Page - Intel Corporation 82375EB Datasheet HTML 32Page - Intel Corporation 82375EB Datasheet HTML 33Page - Intel Corporation 82375EB Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 131 page
background image
82375EBSB
313 PCICMDPCI COMMAND REGISTER
Address Offset
04 – 05h
Default Value
0007h
Attribute
ReadWrite Read Only
Size
16 bits
This 16-bit register contains PCI interface control information This register enablesdisables PCI parity error
checking enablesdisables PCEB bus master capability and enablesdisables the PCEB to respond to PCI-
originated memory and IO cycles Note that for certain PCI functions that are not implemented within the
PCEB the control bits are still shown (labeled ‘‘not supported’’)
Bit
Description
159
Reserved
8
SERR
Enable (SERRE)Not SupportedRO
Function of this bit is to control the SERR
signal
Since the PCEB does not implement the SERR
signal this bit always reads as 0 (disabled)
7
Wait State Control (WSC)Not SupportedRO
This bit controls insertion of wait-states for
devices that do not meet the 33-10 PCI specification Since PCEB meets the 33-10 specification this
control function is not implemented WSC is always read as 0
6
Parity Error Enable (PERRE)RW
PERRE controls the PCEB’s response to PCI parity errors
When PERREe1 the PCEB asserts the PERR
signal when a parity error is detected When
PERREe0 the PCEB ignores any parity errors that it detects After PCIRST
PERREe0 (parity
checking disabled)
5
VGA Palette Snoop (VGPS)Not SupportedRO
This bit is intended only for specific control of
PCI-based VGA devices and it is not applicable to the PCEB This bit is not implemented and always
reads as 0
4
Memory Write and Invalidate Enable (MWIE)Not SupportedRO
This is an enable bit for using
the Memory Write and Invalidate command The PCEB doesn’t support this command as a master
As a slave the PCEB aliases this command to a memory write This bit always reads as 0 (disabled)
3
Special Cycle Enable (SCE)Not SupportedRO
Since this capability is not implemented the
PCEB does not respond to any type of special cycle This bit always reads as 0
2
Bus Master Enable (BME)RW
ME enablesdisables the PCEB’s PCI Bus master capability
When BMEe0 the PCEB bus master capability is disabled This prevents the PCEB from requesting
the PCI Bus on behalf of EISAISA masters the DMA or the Line Buffers When BMEe1 the bus
master capability is enabled This bit is set to 1 after PCIRST
1
Memory Space Enable (MSE)RW
This bit enables the PCEB to accept PCI-originated memory
cycles When MSEe1 the PCEB responds to PCI-originated memory cycles to the EISA Bus When
MSEe0 the PCEB does not respond to PCI-originated memory cycles to the EISA Bus (DEVSEL
is
inhibited) This bit is set to 1 (enabled for BIOS access) after PCIRST
0
IO Space Enable (IOSE)RW
This bit enables the PCEB to accept PCI-originated IO cycles
When IOSEe1 the PCEB responds to PCI-originated IO cycles When IOSEe0 the PCEB does
not respond to a PCI IO cycle (DEVSEL
is inhibited) including IO cycles bound for the EISA Bus
This bit is set to 1 (IO space enabled) after PCIRST
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com