Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 39 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 39 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 35Page - Intel Corporation 82375EB Datasheet HTML 36Page - Intel Corporation 82375EB Datasheet HTML 37Page - Intel Corporation 82375EB Datasheet HTML 38Page - Intel Corporation 82375EB Datasheet HTML 39Page - Intel Corporation 82375EB Datasheet HTML 40Page - Intel Corporation 82375EB Datasheet HTML 41Page - Intel Corporation 82375EB Datasheet HTML 42Page - Intel Corporation 82375EB Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 131 page
background image
82375EBSB
3116 IORTISA IO RECOVERY TIMER REGISTER
Address Offset
4Ch
Default Value
56
Attribute
ReadWrite
Size
8 bits
The IO recovery logic is used to guarantee a minimum amount of time between back-to-back 8-bit and 16-bit
PCI-to-ISA IO slave accesses These minimum times are programmable
The IO recovery mechanism in the PCEB is used to add recovery delay between PCI-originated 8-bit and 16-
bit IO cycles to ISA devices The delay is measured from the rising edge of the EISA command signal
(CMD ) to the falling edge of the next EISA command The delay is equal to the number of EISA Bus clocks
(BCLKs) that correspond to the value contained in bits 10 for 16-bit IO devices and in bits 53 for 8-bit IO
devices Note that no additional delay is inserted for back-to-back IO ‘‘sub-cycles’’ generated as a result of
byte assembly or disassembly This register defaults to 8- and 16-bit recovery enabled with two clocks of IO
recovery
Bit
Description
7
Reserved
6
Bit IO Recovery Enable
This bit enables the recovery times programmed into bits 0 and 1 of this
register When this bit is set to 1 the recovery times shown for bits 5-3 are enabled When this bit is set
to 0 recovery times are disabled
53
8-Bit IO Recovery times
This 3-bit field defines the recovery times for 8-bit IO Programmable
delays between back-to-back 8-bit PCI cycles to ISA IO slaves is shown in terms of EISA clock cycles
(BCLK) The selected delay programmed into this field is enableddisabled via bit 6 of this register
Bits 53
BCLK
001
1
010
2
011
3
100
4
101
5
110
6
111
7
000
8
2
16-Bit IO Recovery Enable
This bit enables the recovery times programmed into bits 0 and 1 of this
register When this bit is set to 1 the recovery times shown for bits 0 and 1 are enabled When this bit
is set to 0 recovery times are disabled
10
16-Bit IO Recovery Times
This 2-bit field defines the Recovery time for 16-bit IO Programmable
delays between back-to-back 16-bit PCI cycles to ISA IO slaves is shown in terms of EISA clock
cycles (BCLK) The selected delay programmed into this field is enableddisabled via bit 2 of this
register
Bits 10 B
CLK
01
1
10
2
11
3
00
4
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com