Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 27 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 27 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 23Page - Intel Corporation 82375EB Datasheet HTML 24Page - Intel Corporation 82375EB Datasheet HTML 25Page - Intel Corporation 82375EB Datasheet HTML 26Page - Intel Corporation 82375EB Datasheet HTML 27Page - Intel Corporation 82375EB Datasheet HTML 28Page - Intel Corporation 82375EB Datasheet HTML 29Page - Intel Corporation 82375EB Datasheet HTML 30Page - Intel Corporation 82375EB Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 131 page
background image
82375EBSB
30 REGISTER DESCRIPTION
The PCEB contains both PCI configuration registers and IO registers The configuration registers (Table 1)
are located in PCI configuration space and are only accessible from the PCI Bus The addresses shown in the
table for each register are offset values that appear on AD 72 and CBE 30
The configuration registers
can be accessed as Byte Word (16-bit) or Dword (32-bit) quantities All multi-byte numeric fields use ‘‘little-en-
dian’’ ordering (ie lower addresses contain the least significant parts of the fields)
The BIOS Timer is the only non-configuration register (Section 32 IO Registers) This register like the
configuration registers is only accessible from the PCI Bus The BIOS Timer Register can be accessed as
byte word or Dword quantities
Some of the PCEB registers contain reserved bits These bits are labeled ‘‘Reserved’’ Software must take
care to deal correctly with bit-encoded fields that are reserved On reads software must use appropriate
masks to extract the defined bits and not rely on reserved bits being any particular value On writes software
must ensure that the values of reserved bits are preserved That is the values of reserved bit positions must
first be read merged with the new values for other bit positions and the data then written back
In addition to reserved bits within a register the PCEB contains address locations in the PCI configuration
space that are marked ‘‘Reserved’’ (Table 1) The PCEB responds to accesses to these address locations by
completing the PCI cycle When a reserved register location is read 0000h is returned Writes have no affect
on the PCEB
During a hard reset (PCIRST
asserted) the PCEB registers are set to pre-determined default states The
default values are indicated in the individual register descriptions
During the address phase of a configuration cycle Bits 108 encode one of eight possible functions on a
device The PCEB only supports one function that of a bridge between the PCI and EISAISA Busses This
function has the code of 000 Thus for accessing PCEB configuration registers Bits 108 e000 of the ad-
dress If the PCEB IDSEL is asserted and any of the above three bits is 1 the PCEB returns all zeros for a read
and does not respond to a write
31 Configuration Registers
Table 1 summarizes the PCEB configuration space registers Following the table is a detailed description of
each register and register bit The register descriptions are arranged in the order that they appear in Table 1
The following nomenclature is used for access attributes
RO
Read Only
If a register is read only writes to this register have no effect
RW
ReadWrite
A register with this attribute can be read and written
RWC
ReadWrite Clear
A register bit with this attribute can be read and written However a write of a 1
clears (sets to 0) the corresponding bit and a write of a 0 has no effect
NOTE
Some register fields are used to program address ranges for various PCEB functions The register
contents represent the address bit value and not the signal level on the bus For example the upper
address lines on the EISA Bus have inverted signals (LA 3124
) However this inversion is auto-
matically handled by the PCEB hardware and is transparent to the programmer
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com