Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 38 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 38 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 34Page - Intel Corporation 82375EB Datasheet HTML 35Page - Intel Corporation 82375EB Datasheet HTML 36Page - Intel Corporation 82375EB Datasheet HTML 37Page - Intel Corporation 82375EB Datasheet HTML 38Page - Intel Corporation 82375EB Datasheet HTML 39Page - Intel Corporation 82375EB Datasheet HTML 40Page - Intel Corporation 82375EB Datasheet HTML 41Page - Intel Corporation 82375EB Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 131 page
background image
82375EBSB
3115 EADC1EISA ADDRESS DECODE CONTROL 1 REGISTER
Address Offset
48 – 49h
Default value
0001h
Attribute
ReadWrite
Size
16 bits
This 16-bit register specifies EISA-to-PCI mapping of the 0-1 MByte memory address range For each bit
position the memory block is enabled if the corresponding bite1 and is disabled if the bite0 EISA or DMA
memory cycles to the enabled blocks result in the EISA cycle being forwarded to the PCI Bus For disabled
memory blocks the EISA memory cycle is not forwarded to the PCI Bus
Bit
Description
15
880 – 896 KBytes Memory Enable
EISA-to-PCI mapping for this memory space is enabled when this
bit is 1 and disabled when this bit is 0
14
864 – 880 KBytes Memory Enable
EISA-to-PCI mapping for this memory space is enabled when this
bit is 1 and disabled when this bit is 0
13
848 – 864 KBytes Memory Enable
EISA-to-PCI mapping for this memory space is enabled when this
bit is 1 and disabled when this bit is 0
12
832 – 848 KBytes Memory Enable
EISA-to-PCI mapping for this memory space is enabled when this
bit is 1 and disabled when this bit is 0
11
816 – 832 KBytes Memory Enable
EISA-to-PCI mapping for this memory space is enabled when this
bit is 1 and disabled when this bit is 0
10
800 – 816 KBytes Memory Enable
EISA-to-PCI mapping for this memory space is enabled when this
bit is 1 and disabled when this bit is 0
9
784 – 800 KBytes Memory Enable
EISA-to-PCI mapping for this memory space is enabled when this
bit is 1 and disabled when this bit is 0
8
768 – 784 KBytes Memory Enable
EISA-to-PCI mapping for this memory space is enabled when this
bit is 1 and disabled when this bit is 0
73
Reserved
2
640 – 768 KBytes VGA Memory Enable
EISA-to-PCI mapping for this memory space is enabled
when this bit is 1 and disabled when this bit is 0
1
512 – 640 KBytes Memory Enable
EISA-to-PCI mapping for this memory space is enabled when this
bit is 1 and disabled when this bit is 0
0
0 – 512 KBytes Memory Enable
EISA-to-PCI mapping for this memory space is enabled when this bit
is 1 and disabled when this bit is 0
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com