Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 40 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 40 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 36Page - Intel Corporation 82375EB Datasheet HTML 37Page - Intel Corporation 82375EB Datasheet HTML 38Page - Intel Corporation 82375EB Datasheet HTML 39Page - Intel Corporation 82375EB Datasheet HTML 40Page - Intel Corporation 82375EB Datasheet HTML 41Page - Intel Corporation 82375EB Datasheet HTML 42Page - Intel Corporation 82375EB Datasheet HTML 43Page - Intel Corporation 82375EB Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 131 page
background image
82375EBSB
3117 MAR1MEMCS
ATTRIBUTE REGISTER
1
Address Offset
54h
Default Value
00h
Attribute
ReadWrite
Size
8 bits
RERead Enable
When the RE bit (bit 6 4 2 0) is set to a 1 the PCEB generates MEMCS
for PCI master
DMA or EISA master memory read accesses to the corresponding segment in main memory When the RE bit
is set to a 0 the PCEB does not generate MEMCS
for PCI master DMA or EISA master memory read
accesses to the corresponding segment When the RE and WE bits are both 0 (or bit 4 in the MEMCS
Control Register is set to a 0-disabled) the PCI master DMA or EISA master can not access the correspond-
ing segment in main memory
WEWrite Enable
When the WE bit (bit 7 5 3 1) is set to a 1 the PCEB generates MEMCS
for PCI
master DMA or EISA master memory write accesses to the corresponding segment in main memory When
this bit is set to a 0 the PCEB does not generate MEMCS
for PCI master DMA or EISA master memory
write accesses to the corresponding segment When the RE and WE bits are both 0 (or bit 4 in the MEMCS
Control Register is set to a 0-disabled) the PCI master DMA or EISA master can not access the correspond-
ing segment in main memory
Bit
Description
7
0CC000 – 0CFFFFh Add-on BIOS WE
1eEnable 0eDisable
6
0CC000 – 0CFFFFh Add-on BIOS RE
1eEnable 0eDisable
5
0C8000 – 0CBFFFh Add-on BIOS WE
1eEnable 0eDisable
4
0C8000 – 0CBFFFh Add-on BIOS RE
1eEnable 0eDisable
3
0C4000 – 0C7FFFh Add-on BIOS WE
1eEnable 0eDisable
2
0C4000 – 0C7FFFh Add-on BIOS RE
1eEnable 0eDisable
1
0C0000 – 0C3FFFh Add-on BIOS WE
1eEnable 0eDisable
0
0C0000 – 0C3FFFh Add-on BIOS RE
1eEnable 0eDisable
3118 MAR2MEMCS
ATTRIBUTE REGISTER
2
Address Offset
55h
Default Value
00h
Attribute
ReadWrite
Size
8 bits
RERead Enable
When the RE bit (bit 6 4 2 0) is set to a 1 the PCEB generates MEMCS
for PCI master
DMA or EISA master memory read accesses to the corresponding segment in main memory When this bit is
set to a 0 the PCEB does not generate MEMCS
for PCI master DMA or EISA master memory read
accesses to the corresponding segment When the RE and WE bits are both 0 (or bit 4 in the MEMCS
Control Register is set to a 0-disabled) the PCI master DMA or EISA master can not access the correspond-
ing segment in main memory
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com