Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 25 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 25 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 21Page - Intel Corporation 82375EB Datasheet HTML 22Page - Intel Corporation 82375EB Datasheet HTML 23Page - Intel Corporation 82375EB Datasheet HTML 24Page - Intel Corporation 82375EB Datasheet HTML 25Page - Intel Corporation 82375EB Datasheet HTML 26Page - Intel Corporation 82375EB Datasheet HTML 27Page - Intel Corporation 82375EB Datasheet HTML 28Page - Intel Corporation 82375EB Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 131 page
background image
82375EBSB
PIN NAME
Type
Description
PCEB BUFFER COHERENCY CONTROL
NMFLUSH
ts
NEW MASTER FLUSH
The bi-directional NMFLUSH
signal provides handshake
between the PCEB and ESC to control flushing of PCI system buffers on behalf of
EISA masters
During an EISA Bus ownership change before the ESC can grant the bus to the
EISA master (or DMA) the ESC must ensure that system buffers are flushed and the
buffers pointing towards the EISA subsystem are disabled The ESC asserts
NMFLUSH
for one PCI clock to request system buffer flushing (After asserting
NMFLUSH
for 1 PCI clock the ESC tri-states NMFLUSH
) When the PCEB
samples NMFLUSH
asserted it starts immediately to assert NMFLUSH
and
begins flushing its internal buffers if necessary The PCEB also requests PCI system
buffer flushing via the MEMREQ
FLSHREQ
and MEMACK
signals
When the PCEB completes its internal buffer flushing and MEMACK
is asserted
(indicating that the PCI system buffer flushing is complete) the PCEB negates
NMFLUSH
for 1 PCI clock and stops driving it When the ESC samples
NMFLUSH
negated it grants the EISA Bus to an EISA master (or DMA) The ESC
resumes responsibility of the default NMFLUSH
driver and starts driving
NMFLUSH
negated until the next time a new EISA master (or DMA) wins
arbitration
This signal is synchronous with PCICLK and is negated by the ESC at reset
AFLUSH
ts
APIC FLUSH
AFLUSH
is bi-directional signal between the PCEB and ESC that
controls system buffer flushing on behalf of the APIC After a reset the ESC negates
AFLUSH
until the APIC is initialized and the first interrupt request is recognized
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com