Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 55 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 55 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 51Page - Intel Corporation 82375EB Datasheet HTML 52Page - Intel Corporation 82375EB Datasheet HTML 53Page - Intel Corporation 82375EB Datasheet HTML 54Page - Intel Corporation 82375EB Datasheet HTML 55Page - Intel Corporation 82375EB Datasheet HTML 56Page - Intel Corporation 82375EB Datasheet HTML 57Page - Intel Corporation 82375EB Datasheet HTML 58Page - Intel Corporation 82375EB Datasheet HTML 59Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 131 page
background image
82375EBSB
290477 – 47
NOTE
Fast DEVSEL
is not supported on the 82378EB or 82375SB
Figure 5 DEVSEL
Sample Points
Only unclaimed PCI cycles within the memory address range from 0 to 4 GByte and IO address range from 0
to 64 KByte are forwarded to EISA Unclaimed PCI IO cycles to address locations above 64 KBytes are not
forwarded to the EISA Bus and the PCEB does not respond with DEVSEL
In this case these unclaimed
cycles cause the master to terminate the PCI cycle with a master abort
For the 82374SB if negative decoding is used the PCEB begins the PCI-to-EISA cycle forwarding process at
the ‘‘fast’’ sample point Compared to the system that uses subtractive decode at the ‘‘slow’’ sample point
negative decoding reduces the decoding overhead by 2 PCI clock cycles In the case of subtractive decode at
the ‘‘typical’’ sampling point negative decoding reduces the overhead by 1 PCI clock
The PCEB contains programmable configuration registers that define address ranges for PCI resident devices
There is a set of registers associated with MEMCS
decoding of main memory areas and set of registers for
defining address mapping of up to four memory regions that are mapped to PCI for EISA Bus initiated cycles
Note that on the 82375EB there is no equivalent mechanism for mapping the PCI memory regions to EISA
and therefore all PCI memory cycles that need to be forwarded to the EISA Bus use subtractive decoding
For the 82374SB when negative decoding is selected memory cycles with addresses other than those
specified by the MEMCS
mapping for positive decode (via the MCSCON MCSBOH MCSTOH MCSTOM
MAR1 MAR2 and MAR3 Registers) or the four programmable EISA-to-PCI memory regions (via MEM-
REGN 41 ) are immediately forwarded to the EISA Bus without waiting for a DEVSEL
time-out
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com