Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 59 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 59 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 55Page - Intel Corporation 82375EB Datasheet HTML 56Page - Intel Corporation 82375EB Datasheet HTML 57Page - Intel Corporation 82375EB Datasheet HTML 58Page - Intel Corporation 82375EB Datasheet HTML 59Page - Intel Corporation 82375EB Datasheet HTML 60Page - Intel Corporation 82375EB Datasheet HTML 61Page - Intel Corporation 82375EB Datasheet HTML 62Page - Intel Corporation 82375EB Datasheet HTML 63Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 131 page
background image
82375EBSB
a 0 – 512 KByte
b 512 – 640 KByte
c 640 – 768 KByte (VGA memory)
d 768 – 896 KByte in eight 16 KByte sections (Expansion ROM)
e 896 – 960 KByte in four 16 KByte sections (lower BIOS area)
f 960 KByte to 1 MByte (upper BIOS area)
g 1 MByte to the top of memory (up to 4 GByte – 2 MByte) within which a hole can be opened Accesses to the
hole are not forwarded to PCI The top of the region can be programmed on 2 MByte boundaries up to
4 GByte – 2 MByte The hole can be between 64 KByte and 4 GByte – 2 MByte in 64 KByte increments and
located on any 64 KByte boundary
h 16 MByte – 64 KByte to 16 MByte (FF0000 – FFFFFFh) EISA memory cycles in this range are always for-
warded to the PCI Bus if this range exists in main memory as defined by the MEMCS
registers In this
case the enabledisable control bit in EADC2 Register is a don’t care If this range is not defined in main
memory (ie
above the top of memory or defined as a hole in the main memory) EISA cycles to this
address range are forwarded to the PCI Bus based on the enabledisable bit in the EADC2 Register (This
capability is used to support access of BIOS at 16 MBytes)
i 4 GByte – 2 MByte to 4 GByte The address map must be programmed in a such way that this address range
is always contained within EISA This is to avoid conflict with local BIOS memory response in this address
range If this region must be mapped to PCI then programming of the BIOS decoder Registers contained
within the ESC must ensure that there is no conflict To map this region to PCI one of the four programmable
EISA-to-PCI memory regions must be used Mapping of this region to the PCI might be required in the case
when BIOS resides on the PCI and the PCIEISA system must have consistent address maps for both PCI
and EISA
For detailed information on the PCEB registers used to control these address regions refer to Section 31
PCEB Configuration Registers
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com