Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 49 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 49 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 45Page - Intel Corporation 82375EB Datasheet HTML 46Page - Intel Corporation 82375EB Datasheet HTML 47Page - Intel Corporation 82375EB Datasheet HTML 48Page - Intel Corporation 82375EB Datasheet HTML 49Page - Intel Corporation 82375EB Datasheet HTML 50Page - Intel Corporation 82375EB Datasheet HTML 51Page - Intel Corporation 82375EB Datasheet HTML 52Page - Intel Corporation 82375EB Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 131 page
background image
82375EBSB
290477 – 44
Figure 2 Block Diagram of Address Decoder
The PCEB provides three methods for decoding the current PCI Bus cycle The PCEB can use positive
subtractive or negative (82374SB only) decoding for these cycles depending on the type of cycle actions on
the PCI Bus and programming of the PCEB registers For EISA Bus cycles only positive decoding is used
1 Positive decoding With positive decoding the PCIEISA Bus cycle address is compared to the corre-
sponding address ranges set up in the PCEB for positive decode A match causes the PCEB decode logic to
immediately service the cycle The PCEB can be programmed (via the configuration registers) to positively
decode selected memory or IO accesses on both the PCI Bus and EISA Bus Depending on the program-
ming of the internal registers the PCEB provides positive decoding for PCI accesses to selected address
ranges in memory and IO spaces and for EISA accesses to selected address ranges in memory and IO
spaces Note that the decoding method for PCI accesses to the PCEB internal registers (configuration and
IO space registers) is not programmable and these accesses are always positively decoded
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com