Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 17 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 17 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 13Page - Intel Corporation 82375EB Datasheet HTML 14Page - Intel Corporation 82375EB Datasheet HTML 15Page - Intel Corporation 82375EB Datasheet HTML 16Page - Intel Corporation 82375EB Datasheet HTML 17Page - Intel Corporation 82375EB Datasheet HTML 18Page - Intel Corporation 82375EB Datasheet HTML 19Page - Intel Corporation 82375EB Datasheet HTML 20Page - Intel Corporation 82375EB Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 131 page
background image
82375EBSB
Pin Name
Type
Description
IDSEL
in
INITIALIZATION DEVICE SELECT
IDSEL is used as a chip select during
configuration read and write transactions The PCEB samples IDSEL during the
address phase of a transaction If the PCEB samples IDSEL asserted during a
configuration read or write the PCEB responds by asserting DEVSEL
on the next
cycle
DEVSEL
sts
DEVICE SELECT
The PCEB asserts DEVSEL
to claim a PCI transaction as a result
of positive or subtractive decode As an output the PCEB asserts DEVSEL
when it
samples IDSEL asserted during configuration cycles to PCEB configuration registers
As an input DEVSEL
indicates the response to a PCEB-initiated transaction The
PCEB when not a master samples this signal for all PCI transactions to decide
whether to subtractively decode the cycle (except for configuration and special cycles)
During reset this signal is tri-stated
PAR
ts
PARITY
PAR is even parity across AD 310 and CBE 30
When acting as a
master the PCEB drives PAR during the address and write data phases As a target
the PCEB drives PAR during read data phases
When PCIRST
is asserted the PCEB drives the PAR signal to keep it from floating
The PCEB acts as the central resource responsible for driving the PAR signal when no
other device is granted the PCI Bus and the bus is idle
Note that the driving and tri-stating of the PAR signal is always one clock delayed from
the corresponding driving and tri-stating of the AD 310 and CBE 30
signals
PERR
sts
PARITY ERROR
PERR
reports data parity errors on all transactions except special
cycles This signal can only be asserted (by the agent receiving data) two clocks
following the data (which is one clock following the PAR signal that covered the data)
The duration of PERR
is one clock for each data phase that a data parity error is
detected (If multiple data errors occur during a single transaction the PERR
signal is
asserted for more than a single clock) PERR
must be driven high for one clock
before being tri-stated During reset this signal is tri-stated
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com