Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 98 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 98 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 94Page - Intel Corporation 82375EB Datasheet HTML 95Page - Intel Corporation 82375EB Datasheet HTML 96Page - Intel Corporation 82375EB Datasheet HTML 97Page - Intel Corporation 82375EB Datasheet HTML 98Page - Intel Corporation 82375EB Datasheet HTML 99Page - Intel Corporation 82375EB Datasheet HTML 100Page - Intel Corporation 82375EB Datasheet HTML 101Page - Intel Corporation 82375EB Datasheet HTML 102Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 131 page
background image
82375EBSB
61 Line Buffers
The PCEB contains four Line Buffers that are each four Dwords wide (16 bytes) The Line Buffers are bi-direc-
tional and are used by the EISAISA master and DMA to assembledisassemble data The data in each Line
Buffer is aligned on 16 byte boundaries When data is placed in one of the Line Buffers the PCEB maintains
the corresponding 16-byte boundary address until the data in the line is transferred to its destination or
invalidated
The Line Buffers can be enableddisabled by writing to the PCICON Register In addition when the Line
Buffers are enabled via the PCICON Register buffering for accesses to the four programmable EISA-to-PCI
memory regions (Region 41 ) can be selectively disabled via the EPMRA Register
During buffer operations the four Line Buffers collectively are either in a write state or in a read state These
states are described in the following sections
611 WRITE STATE
If a Line Buffer contains valid write data it is in a
write state In the write state data from the EISAISA master
or DMA is posted in the Line Buffers Posting means that the write operation on the EISA Bus completes when
the data is latched in the buffer The EISA master does not have to wait for the write to complete to its
destination (memory on the PCI Bus) Posting permits the EISA Bus cycle to complete in a minimum time and
permits concurrent EISA and PCI Bus operations During posting data accumulates in the Line Buffer until it is
flushed (written to PCI memory) over the PCI Bus A Line Buffer is scheduled for flushing by the PCEB when
 the line becomes full
 a subsequent write is a line miss (not within the current line boundary address range)
 the write is to an address of a lower Dword than the previous write Note that writes to lower addresses
within the same Dword do not cause a flush Note also that if two (or more) consecutive EISA Bus cycles
are writes to the same Dword (ie the same byte or word locations within the Dword or the same Dword for
Dword writes) the accessed buffer data is overwritten However if any of the flush conditions described in
this list occur between the writes the line is flushed before the next write and data is not overwritten
 the last address location in the Line Buffer is accessed
 a subsequent cycle is a read
 the EISA Bus changes ownership
 an interrupt acknowledge cycle is encountered
 the ESC performs an EISA refresh cycle
 the ESC’s IO APIC receives an interrupt request
When a line is scheduled for flushing the PCEB begins arbitration for the PCI Bus If more than one line is
scheduled to be flushed the Line Buffers are flushed in a ‘‘first scheduled first to be flushed’’ order If the line
to be flushed contains valid data in only one Dword the PCEB uses a single data transfer cycle on the PCI
Bus Otherwise flushing operations use burst transfers
During flushing write data within a Line Buffer is packetized into Dword quantities when possible for a burst
transfer over the 32-bit PCI Bus Packetizing occurs at two levels - Dwords within a line and byteswords within
a Dword When a Line Buffer is flushed all of the valid Dwords within the line are packetized into a single PCI
burst write cycle In addition all valid data bytes within a Dword boundary are packetized into a single data
phase of the burst cycle Packetizing reduces the PCI arbitration latency and increases the effective PCI Bus
bandwidth When multiple Line Buffers are schedule for flushing each Line Buffer is packetized separately
Packetizing across Line Buffer boundaries is not permitted
98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com