Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 47 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 47 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 43Page - Intel Corporation 82375EB Datasheet HTML 44Page - Intel Corporation 82375EB Datasheet HTML 45Page - Intel Corporation 82375EB Datasheet HTML 46Page - Intel Corporation 82375EB Datasheet HTML 47Page - Intel Corporation 82375EB Datasheet HTML 48Page - Intel Corporation 82375EB Datasheet HTML 49Page - Intel Corporation 82375EB Datasheet HTML 50Page - Intel Corporation 82375EB Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 131 page
background image
82375EBSB
Bit
Description
152
BIOS Timer Base Address
Bits 152 correspond to PCI address lines AD 152
1
Reserved
0
BIOS Timer Enable (BTE)
When BTEe1 the BIOS Timer is enabled When BTEe0 the BIOS
Timer is disabled The default is 0 (disabled)
3126 ELTCREISA LATENCY TIMER CONTROL REGISTER
Address Offset
84h
Default value
7Fh
Attribute
ReadWrite
Size
8 bits
This register provides the control for the EISA Latency Timer (ELT) The register holds the initial count value
used by the ELT The ELT uses the PCI clock for counting The ELT time-out period is equal to
ELTtimeouteValue ELTCR(70) xTpciclck ns
where
Tpciclke30 ns at 33 MHz (40 ns at 25 MHz)
Therefore a maximum ELT time-out period at 33 MHz is 256 x 30 ns e 768 ms The value written into this
register is system dependent It should be based on PCI latency characteristics controlled by the PCI Master
Latency Timer mechanism and on EISA Bus arbitrationlatency parametrics A typical value corresponds to
the ELT time-out period of 1 – 3 ms When the value in the ELTCR Register is 0 the ELT mechanism is
disabled The ELTCR Register must be initialized before EISA masters or DMA are enabled
Bit
Description
70
EISA Latency Timer Count Value
Bits 70 contain the initial count value for the EISA Latency
Timer When this field contains 00h the EISA Latency Timer is disabled
32 IO Registers
The only PCEB internal resource mapped to the PCI IO space is the BIOS Timer Register
321 BIOSTMBIOS TIMER REGISTER
Register Location
Programmable IO address location (Dword aligned)
Default Value
00 00 xx xxh
Attribute
ReadWrite
Size
32 bits
This 32-bit register is mapped to the PCI IO space location determined by the value in the BTMR Register Bit
0 of BTMR must be 1 to enable access to the BIOS Timer The BIOS timer clock is derived from the EISA Bus
clock (BCLK) either 825 or 833 MHz depending on the PCI clock BCLK is divided by 8 to obtain the timer
clock of 103 or 104 MHz If a frequency other than 33 MHz or 25 MHz is used for PCI clock the BIOS Timer
clock will be affected (It will always keep the same relation to the BCLK ie 14 or 13 depending on the clock
divisor) The BIOS Timer is only accessible from the PCI Bus and is not accessible from the EISA Bus
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com