Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 71 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 71 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 67Page - Intel Corporation 82375EB Datasheet HTML 68Page - Intel Corporation 82375EB Datasheet HTML 69Page - Intel Corporation 82375EB Datasheet HTML 70Page - Intel Corporation 82375EB Datasheet HTML 71Page - Intel Corporation 82375EB Datasheet HTML 72Page - Intel Corporation 82375EB Datasheet HTML 73Page - Intel Corporation 82375EB Datasheet HTML 74Page - Intel Corporation 82375EB Datasheet HTML 75Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 131 page
background image
82375EBSB
514 BASIC READ
As a PCI master
the PCEB performs memory and IO read transfers Figure 7 shows a PCEB zero wait state
burst read from PCI memory (PCEB is a master) If buffering of memory accesses is enabled read transfers
use prefetching When reading data from PCI memory the PCEB requests a minimum of 16 bytes (one data
line of the Line Buffer) via a four data phase burst read cycle to fill one of its internal Line Buffers The PCEB
does not buffer PCI IO reads and only required data is transferred during these cycles Read Cycles to PCI
are generated on behalf of EISAISA masters and DMA devices
The PCEB asserts FRAME
on clock 1 and places the address on AD 312 CBE 30
contain a valid bus
command AD 10 contain the byte address for IO cycles burst order indication for memory cycles and are
00 for configuration cycles
The clock following the address phase is the beginning of the data phase During the data phase CBE 30
indicate which byte lanes are involved in the transaction If the byte lanes involved in the transaction are
different for data 1 and data 2 the PCEB drives new CBE 30 values on clock 4 CBE 30
remain active
until the end of the burst transfer
The first data phase of a read transaction requires a turn-around-cycle which is enforced by the target
preventing the assertion of TRDY
until at least clock 3 The PCEB stops driving the address at clock 2 The
target can not drive the AD bus until clock 3 This allows enough time for the PCEB to float its AD outputs The
target is required to drive the AD lines as soon as possible after clock 3 even though valid data may not be
ready and the target may want to stretch the initial data phase by delaying TRDY
This insures that the AD
lines are not left floating for long intervals The target must continue to drive these lines until the end of the
burst transaction
A single data phase is completed when the initiator of the cycle samples TRDY
asserted on the same clock
that IRDY
is asserted To add wait states the target must negate TRDY
for one or more clock cycles As a
master the PCEB does not add wait states In Figure 7 data is transferred on clocks 4 and 5 The PCEB
knows at clock 6 that the next data phase is the last and negates FRAME
As noted before the PCEB can
burst a maximum of four data cycles when reading from PCI memory
As a PCI target
the PCEB responds to both IO and memory read transfers Figure 8 shows the PCEB as a
target responding to a PCI master read cycle For multiple read transactions the PCEB always target termi-
nates after the first data read transaction by asserting STOP
and TRDY
These signals are asserted at the
end of the first data phase For single read transactions the PCEB completes the cycle in a normal fashion (by
asserting TRDY
without asserting STOP ) Figure 8 shows the fastest PCEB response to an access of an
internal configuration register During EISA Bus read accesses the PCEB always adds wait states by negating
TRDY
until the transfer on the EISA Bus is completed
When the PCEB as a target samples FRAME
active during a read cycle and positively decodes the cycle it
asserts DEVSEL
on the following clock (clock 3 in Figure 8) Note that if the PCEB subtractively or negative-
ly (82374SB only) decodes the cycle DEVSEL
is not asserted for two to three PCICLK’s after FRAME
is
sampled active (see Section 519 Device Selection) When the PCEB asserts DEVSEL
it also drives
AD 310 even though valid data is not available TRDY
is also driven from the same clock edge but it is not
asserted until the PCEB is ready to drive valid data TRDY
is asserted on the same clock edge that the PCEB
drives valid data on AD 310
If the PCEB presents valid read data during the first data phase and FRAME
remains active (multiple transaction indicated) the PCEB asserts TRDY
and STOP
to indicate target
termination of the transfer
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com