Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 32 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 32 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 28Page - Intel Corporation 82375EB Datasheet HTML 29Page - Intel Corporation 82375EB Datasheet HTML 30Page - Intel Corporation 82375EB Datasheet HTML 31Page - Intel Corporation 82375EB Datasheet HTML 32Page - Intel Corporation 82375EB Datasheet HTML 33Page - Intel Corporation 82375EB Datasheet HTML 34Page - Intel Corporation 82375EB Datasheet HTML 35Page - Intel Corporation 82375EB Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 131 page
background image
82375EBSB
316 MLTMASTER LATENCY TIMER REGISTER
Address Offset
0Dh
Default Value
00h
Attribute
ReadWrite
Size
8 bits
This 8-bit register contains the programmable value of the Master Latency Timer for use when the PCEB is a
master on the PCI Bus The granularity of the timer is 8 PCI clocks Thus bits 20 are not used and always
read as 0s
Bit
Description
73
Count Value
This 5-bit field contains the count value of the Master Latency Timer with a granularity
of 8 PCI clocks For example value 00101b provides a time-out period of 5x8e40 PCI clocks
Maximum count value is 11111b which corresponds to 248 PCI clocks
20
Reserved
317 PCICONPCI CONTROL REGISTER
Address Offset
40h
Default Value
20h
Attribute
ReadWrite
Size
8 bits
This 8-bit register enablesdisables the PCEB’s data buffers defines the subtractive decoding sample point
and enablesdisables response to the PCI interrupt acknowledge cycle
NOTE
The Line Buffers are typically enabled or disabled during system initialization These buffers should
not be dynamically enableddisabled during runtime Otherwise data coherency can be affected if a
buffer containing valid write data is disabled and then later re-enabled
Bit
Description
7
Reserved
6
EISA-To-PCI Line Buffer Enable (ELBE)
When ELBEe0 the EISA-to-PCI Line Buffers are disabled
and when ELBEe1 the EISA-to-PCI Line Buffers are enabled After PCIRST
the Line Buffers are
disabled (ELBEe0) Note that when ELBE is set to 1 the line buffers are utilized for transfers to or
from the regions defined by the REG 41 bits in the EPMRA register (offset 5Ch)
5
Interrupt Acknowledge Enable (IAE)
When IAEe0 the PCEB decodes PCI interrupt acknowledge
cycles in a semi-subtractive manner When there is data posted in the Line Buffers the PCEB
intervenes in the PCI interrupt acknowledge cycle by generating a retry The PCEB also initiates a
buffer flush operation and will keep generating retries until the buffers are flushed The PCEB then
subtractively decodes the PCI interrupt acknowledge cycle in order to allow an external PCI-based
interrupt controller to respond with the vector If no external PCI-based interrupt controller has
responded to the PCI Interrupt Acknowledge cycle at the DEVSEL
sampling point the cycle is
handled by the PCEB in a subtractive decode manner
When IAEe1 the PCEB positively decodes the interrupt acknowledge cycles and responds to the
cycles in the normal fashion (ie uses the PEREQ
INTA
signal to fetch the vector from the ESC
after the internal buffers are flushed)
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com