Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 53 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 53 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 49Page - Intel Corporation 82375EB Datasheet HTML 50Page - Intel Corporation 82375EB Datasheet HTML 51Page - Intel Corporation 82375EB Datasheet HTML 52Page - Intel Corporation 82375EB Datasheet HTML 53Page - Intel Corporation 82375EB Datasheet HTML 54Page - Intel Corporation 82375EB Datasheet HTML 55Page - Intel Corporation 82375EB Datasheet HTML 56Page - Intel Corporation 82375EB Datasheet HTML 57Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 131 page
background image
82375EBSB
Table 2 Read EnableWrite Enable Attributes For MEMCS
Decoding
Memory Attribute Registers
Attribute
Memory Segments
Comments
(Register Bits are Shown in Brackets)
MCSCON 10
WE
RE
080000 – 09FFFFh
512K to 640K
MCSCON 32
WE
RE
0F0000 – 0FFFFFh
BIOS Area
MAR1 10
WE
RE
0C0000 – 0C3FFFh
Add-on BIOS
MAR1 32
WE
RE
0C4000 – 0C7FFFh
Add-on BIOS
MAR1 54
WE
RE
0C8000 – 0CBFFFh
Add-on BIOS
MAR1 76
WE
RE
0CC000 – 0CFFFFh
Add-on BIOS
MAR2 10
WE
RE
0D0000 – 0D3FFFh
Add-on BIOS
MAR2 32
WE
RE
0D4000 – 0D7FFFh
Add-on BIOS
MAR2 54
WE
RE
0D8000 – 0DBFFFh
Add-on BIOS
MAR2 76
WE
RE
0DC000 – 0DFFFFh
Add-on BIOS
MAR3 10
WE
RE
0E0000 – 0E3FFFh
BIOS Extension
MAR3 32
WE
RE
0E4000 – 0E7FFFh
BIOS Extension
MAR3 54
WE
RE
0E8000 – 0EBFFFh
BIOS Extension
MAR3 76
WE
RE
0EC000 – 0EFFFFh
BIOS Extension
The PCEB generates MEMCS
from the decode of the PCI address MEMCS
is asserted during the first
data phase as indicated in the Figure 4 MEMCS
is only asserted for one PCI clock period The PCEB does
not take any other action as a result of this decode except to generate MEMCS
It is the responsibility of the
device using the MEMCS
signal to generate DEVSEL
TRDY
and any other cycle response The device
using the MEMCS
will always generate DEVSEL
on the next clock This fact can be used to avoid an extra
clock delay in the subtractive decoder described in the next section
290477 – 46
NOTE
Since MEMCS
is point-to-point (a sideband signal) the signal meets the guaranteed setup time to clock edge 3 (and
clock edge 4) This fast generation of MEMCS
prevents the penalty caused by the decoding delay
Figure 4 MEMCS
Generation
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com