Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 8 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 8 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 4Page - Intel Corporation 82375EB Datasheet HTML 5Page - Intel Corporation 82375EB Datasheet HTML 6Page - Intel Corporation 82375EB Datasheet HTML 7Page - Intel Corporation 82375EB Datasheet HTML 8Page - Intel Corporation 82375EB Datasheet HTML 9Page - Intel Corporation 82375EB Datasheet HTML 10Page - Intel Corporation 82375EB Datasheet HTML 11Page - Intel Corporation 82375EB Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 131 page
background image
82375EBSB
10 ARCHITECTURAL OVERVIEW
The PCI-EISA bridge chip set provides an IO subsystem core for the next generation of high-performance
personal computers (eg those based on the Intel486TM or Pentium processors) System designers can take
advantage of the power of the PCI local bus while maintaining access to the large base of EISA and ISA
expansion cards and corresponding software applications Extensive buffering and buffer management within
the PCI-EISA bridge ensures maximum efficiency in both bus environments
The chip set consists of two componentsthe 82375EB PCI-EISA Bridge (PCEB) and the 82374EB EISA
System Component (ESC) These components work in tandem to provide an EISA IO subsystem interface for
personal computer platforms based on the PCI standard This section provides an overview of the PCI and
EISA Bus hierarchy followed by an overview of the PCEB and ESC components
Bus HierarchyConcurrent Operations
Figure 1 shows a block diagram of a typical system using the PCI-EISA Bridge chip set The system contains
three levels of buses structured in the following hierarchy
 Host Bus as the execution bus
 PCI Bus as a primary IO bus
 EISA Bus as a secondary IO bus
PCI Bus
The PCI Bus has been defined to address the growing industry needs for a standardized
local bus that is not
directly dependent on the speed and the size of the processor bus New generations of personal computer
system software such as WindowsTM and Win-NTTM with sophisticated graphical interfaces multi-tasking and
multi-threading bring new requirements that traditional PC IO architectures can not satisfy In addition to the
higher bandwidth reliability and robustness of the IO subsystem are becoming increasingly important The
PCI environment addresses these needs and provides an upgrade path for the future PCI features include
 Processor independent
 Multiplexed burst mode operation
 Synchronous up to 33 MHz
 120 MBytesec usable throughput (132 MBytesec peak) for 32-bit data path
 240 MBytesec usable throughput (264 MBytesec peak) for 64-bit data path
 Optional 64-bit data path with operations that are transparent with the 32-bit data path
 Low latency random access (60 ns write access latency to slaves from a master parked on the bus)
 Capable of full concurrency with processormemory subsystem
 Full multi-master capability allowing any PCI master peer-to-peer access to any PCI slave
 Hidden (overlapped) central arbitration
 Low pin count for cost effective component packaging (multiplexed addressdata)
 Address and data parity
 Three physical address spaces memory IO and configuration
 Comprehensive support for autoconfiguration through a defined set of standard configuration functions
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com