Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 79 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 79 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 75Page - Intel Corporation 82375EB Datasheet HTML 76Page - Intel Corporation 82375EB Datasheet HTML 77Page - Intel Corporation 82375EB Datasheet HTML 78Page - Intel Corporation 82375EB Datasheet HTML 79Page - Intel Corporation 82375EB Datasheet HTML 80Page - Intel Corporation 82375EB Datasheet HTML 81Page - Intel Corporation 82375EB Datasheet HTML 82Page - Intel Corporation 82375EB Datasheet HTML 83Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 131 page
background image
82375EBSB
290477 – 59
Figure 17 Master Initiated Termination (Master Abort)
51102 Target Initiated Termination
The PCEB supports two forms of target-initiated termination
 Disconnect A disconnect termination occurs when the target is unable to respond within the latency
guidelines of the PCI specifications Note that this is not usually done on the first data phase
 Retry Retry refers to a termination requested because the PCEB is currently in a state that makes it unable
to process the transaction
Figure 18 and Figure 19 show four types of target-initiated terminations The PCEB initiates a disconnect for
PCI cycles destined to EISA after the first data phase due to incremental latency requirements The difference
between disconnect and retry is that the PCEB does not assert TRDY
for the retry case This instructs the
initiator to retry the transfer at a later time No data is transferred in a retry termination since TRDY
and
IRDY
are never both asserted The PCEB retries a PCI initiator when
 the PCEB buffers require management activity
 the PCEB is locked and another PCI device attempts to select the PCEB without negating PLOCK
during
the address phase
 the EISA Bus is occupied by an EISAISA master or DMA
Target abort is another form of target-initiated termination Target abort resembles a retry though the target
must also negate DEVSEL
along with assertion of STOP
As a target the PCEB never generates a target
abort
As a master If the PCEB receives a target abort it relinquishes the PCI Bus and sets the Received Target
Abort Status bit in the PCI Status Register to a 1
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com