Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 74 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 74 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 70Page - Intel Corporation 82375EB Datasheet HTML 71Page - Intel Corporation 82375EB Datasheet HTML 72Page - Intel Corporation 82375EB Datasheet HTML 73Page - Intel Corporation 82375EB Datasheet HTML 74Page - Intel Corporation 82375EB Datasheet HTML 75Page - Intel Corporation 82375EB Datasheet HTML 76Page - Intel Corporation 82375EB Datasheet HTML 77Page - Intel Corporation 82375EB Datasheet HTML 78Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 131 page
background image
82375EBSB
290477 – A1
Figure 11 Configuration Cycle
517 INTERRUPT ACKNOWLEDGE CYCLE
The PCEB responds to an interrupt acknowledge cycle as decoded from the command during a valid address
cycle (FRAME
asserted) The AD bus itself is a ‘‘don’t care’’ to the PCEB during the address phase and
therefore status of the internal PCI address decoder is not used for forwarding the cycle to the EISA Bus
where the system interrupt controller resides
The PCEB converts the PCI interrupt acknowledge cycle into an EISA IO read access to the address 04h
with special semantics indicated to the ESC via the inter-chip signaling Before the PCI interrupt acknowledge
cycle can be converted into an EISA IO read cycle the EISA Bus must be owned If the EISA Bus is not
owned by the PCEB (EISAHLDA asserted) the PEREQ
INTA
signal is asserted with PEREQ
semantics
(PCI-to-EISA request) After the EISA Bus is acquired by the PCEB the interrupt acknowledge sequence can
proceed The PCEB starts an IO read cycle to address 04h and asserts PEREQ
INTA
with INTA
semantics The PEREQ
INTA
remains asserted for the duration of the EISA IO read cycle Therefore
only a single pulse is generated on the PEREQ
INTA
signal Conversion of the single PCI interrupt ac-
knowledge cycle into two interrupt acknowledge pulses (that is required for 8259 compatibility) occurs inside
the ESC where the 8259-based interrupt controller resides The ESC’s EISA decoder uses the PEREQ
INTA
signal (with INTA
semantics) to distinguish between normal IO reads to the register located at
address 04h (DMA1 Ch2 Base and Current Address) and the interrupt acknowledge sequence The ESC holds
the EISA Bus in wait states until the interrupt vector is returned to the PCEB (via SD 70 ) The PCEB passes
the vector to the PCI via AD 70 and then terminates the cycles both on EISA and PCI Note that for
compatibility reasons only the ESC (containing the DMA controller) can respond to the EISA IO read from
04h
Figure 12 shows the PCI portion of the interrupt acknowledge sequence The EISA portion of the sequence
matches normal EISA IO read timing except that the PEREQ
INTA
inter-chip signal is asserted during
the bus cycle with INTA
semantics and during the PCEBESC EISA Bus ownership exchange handshake
with PEREQ
semantics Note that the PCEB responses to a PCI interrupt acknowledge cycle can be dis-
abled by setting bit 5 in the PCI Control Register (PCICON) to 0
74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com