Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 16 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 16 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 12Page - Intel Corporation 82375EB Datasheet HTML 13Page - Intel Corporation 82375EB Datasheet HTML 14Page - Intel Corporation 82375EB Datasheet HTML 15Page - Intel Corporation 82375EB Datasheet HTML 16Page - Intel Corporation 82375EB Datasheet HTML 17Page - Intel Corporation 82375EB Datasheet HTML 18Page - Intel Corporation 82375EB Datasheet HTML 19Page - Intel Corporation 82375EB Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 131 page
background image
82375EBSB
Pin Name
Type
Description
CBE 30
ts
BUS COMMAND AND BYTE ENABLES
The command and byte enable signals are
multiplexed on the same PCI pins During the address phase of a transaction
CBE 30
define the bus command for bus command definitions During the data
phase CBE 30
are used as Byte Enables The Byte Enables determine which
byte lanes carry meaningful data CBE 0
applies to byte 0 and CBE 3
to byte
3 CBE 30
are not used for address decoding
The PCEB drives CBE 30
as an initiator of a PCI Bus cycle and monitors
CBE 30
as a target
When PCIRST
is asserted the PCEB drives CBE 30
to keep them from
floating In addition the PCEB acts as the central resource responsible for driving the
CBE 30
signals when no device owns the PCI Bus and the bus is idle
FRAME
sts
FRAME
FRAME
is driven by the current initiator to indicate the beginning and
duration of an access FRAME
is asserted to indicate that a bus transaction is
beginning During a transaction data transfers continue while FRAME
is asserted
When FRAME
is negated the transaction is in the final data phase FRAME
is an
input when the PCEB is the target FRAME
is an output when the PCEB is the
initiator During reset this signal is tri-stated
TRDY
sts
TARGET READY
TRDY
as an output indicates the target’s ability to complete
the current data phase of the transaction TRDY
is used in conjunction with
IRDY
A data phase is completed on any clock that both TRDY
and IRDY
are
sampled asserted When PCEB is the target during a read cycle TRDY
indicates
that the PCEB has valid data present on AD 310 During a write it indicates that the
PCEB as a target is prepared to latch data TRDY
is an input to the PCEB when
the PCEB is the initiator During reset this signal is tri-stated
IRDY
sts
INITIATOR READY
IRDY
as an output indicates the initiator’s ability to complete
the current data phase of the transaction IRDY
is used in conjunction with
TRDY
A data phase is completed on any clock that both IRDY
and TRDY
are
sampled asserted When PCEB is the initiator of a write cycle IRDY
indicates that
the PCEB has valid data present on AD 310 During a read it indicates the PCEB is
prepared to latch data IRDY
is an input to the PCEB when the PCEB is the target
During reset this signal is tri-stated
STOP
sts
STOP
As a target the PCEB asserts STOP
to request that the master stop the
current transaction When the PCEB is an initiator STOP
is an input As an initiator
the PCEB stops the current transaction when STOP
is asserted Different
semantics of the STOP
signal are defined in the context of other handshake
signals (TRDY
and DEVSEL ) During reset this signal is tri-stated
PLOCK
sts
PCI LOCK
PLOCK
indicates an atomic operation that may require multiple
transactions to complete PLOCK
is an input when PCEB is the target and output
when PCEB is the initiator When PLOCK
is sampled negated during the address
phase of a transaction a PCI agent acting as a target will consider itself a locked
resource until it samples PLOCK
and FRAME
negated When other masters
attempt accesses to the PCEB (practically to the EISA subsystem) while the PCEB is
locked the PCEB responds with a retry termination During reset this signal is tri-
stated
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com