Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 73 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 73 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 69Page - Intel Corporation 82375EB Datasheet HTML 70Page - Intel Corporation 82375EB Datasheet HTML 71Page - Intel Corporation 82375EB Datasheet HTML 72Page - Intel Corporation 82375EB Datasheet HTML 73Page - Intel Corporation 82375EB Datasheet HTML 74Page - Intel Corporation 82375EB Datasheet HTML 75Page - Intel Corporation 82375EB Datasheet HTML 76Page - Intel Corporation 82375EB Datasheet HTML 77Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 131 page
background image
82375EBSB
290477 – 52
Figure 10 Fastest PCI Write to PCEB
516 CONFIGURATION CYCLES
One of the requirements of the PCI specification is that upon power up PCI agents do not respond to any
address The only access allowed is through the IDSEL configuration mechanism The PCEB is an exception
to this since it controls access to the BIOS boot code All PCEBESC subsystem addresses that are enabled
after reset are accessible immediately after power up
The configuration read or write command is used to configure the PCEB During the address phase of the
configuration read or write cycle the PCEB samples its IDSEL (ID select) signal (not the address lines) to
generate DEVSEL
In this way IDSEL acts as a chip select During the address phase AD 72 are used to
select a particular configuration register and BE 30 to select a particular byte(s) The PCEB only responds to
configuration cycles if AD 10 e 00 Reference Figure 11 for configuration reads and writes Note that IDSEL
is normally a ‘‘don’t care’’ except during the address phase of a transaction Upon decode of a configuration
cycle and sampling IDSEL active the PCEB responds by asserting DEVSEL
and TRDY
An unclaimed
configuration cycle is never forwarded to the EISA Bus
Configuration cycles are not normally run in burst mode If this happens the PCEB splits the transfer into
single cycles using the slave termination mechanism
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com