Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 95 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 95 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 91Page - Intel Corporation 82375EB Datasheet HTML 92Page - Intel Corporation 82375EB Datasheet HTML 93Page - Intel Corporation 82375EB Datasheet HTML 94Page - Intel Corporation 82375EB Datasheet HTML 95Page - Intel Corporation 82375EB Datasheet HTML 96Page - Intel Corporation 82375EB Datasheet HTML 97Page - Intel Corporation 82375EB Datasheet HTML 98Page - Intel Corporation 82375EB Datasheet HTML 99Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 131 page
background image
82375EBSB
7 When the EISA Bus is no longer owned by an EISA master or DMA the PCEB negates MEMREQ
and
FLSHREQ
and the PCI request signal (internal PCEBREQ
The negation of MEMREQ
and
FLSHREQ
indicates that direct access to the resource behind the bridge is no longer needed and that the
posted write buffers may be enabled Note that MEMACK
should be driven inactive as soon as possible
by the HostPCI Bridge and other bridges after MEMREQ
is negated The PCEB waits until it detects
MEMACK
negated before it can generate another MEMREQ
or FLSHREQ
The use of MEMREQ
FLSHREQ
and MEMACK
does not guarantee GAT mode functionality with ISA
masters that don’t acknowledge CHRDY These signals just guarantee the CHRDY inactive specification
5453 Interrupt Synchronization-Buffer Flushing
The ESC contains the system interrupt controller consisting of an 8259 compatible interrupt controller and an
IO APIC For the 8259 compatible interrupt controller the PCEBESC chip set is the default destination of the
PCI interrupt acknowledge cycles Interrupts in the system are commonly used as a synchronization mecha-
nism If interrupts are used by the EISA agents to notify the Host CPU that data is written to main memory then
posted data buffers must be flushed before the vector is returned during the interrupt acknowledge sequence
The PCEB handles this transparently to the rest of the system hardwaresoftware It retries the PCI interrupt
acknowledge cycles and flushes the PCEB Line Buffers if necessary
The Advanced Programmable Interrupt Controller (APIC) uses a private message passing bus to send interrupt
information to the companion APIC(s) residing at the host CPU(s) To support interrupts as a synchronization
mechanism system buffer coherency must be guaranteed before interrupts can be processed With ESC’s
interrupt controller operating in APIC mode the PCEB and ESC use the PCEBESC interchip signal AFLUSH
to maintain system buffer coherency
546 BUS PARKING
PCI Bus parking can be enableddisabled via the ARBCON Register Parking is only allowed for the device
that is connected to CPUREQ
(ie the HostPCI Bridge) REQ 30
and the internal PCEBREQ
are not
allowed to park on the PCI Bus When bus parking is enabled CPUGNT
is asserted when no other agent is
currently using or requesting the bus This achieves the minimum PCI arbitration latency possible
Arbitration Latency
Parked
0 PCICLKs for parked agent 2 PCICLKs for all other
Not Parked 1 PCICLK for all agents
Upon assertion of CPUGNT
due to bus parking enabled and the PCI Bus idle the CPU (ie parked agent)
must ensure AD 310
CBE 30
and (one PCICLK later) PAR are driven If bus parking is disabled then
the PCEB drives these signals when the bus is idle
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com