Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 1 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 1 Page - Intel Corporation

  82375EB Datasheet HTML 1Page - Intel Corporation 82375EB Datasheet HTML 2Page - Intel Corporation 82375EB Datasheet HTML 3Page - Intel Corporation 82375EB Datasheet HTML 4Page - Intel Corporation 82375EB Datasheet HTML 5Page - Intel Corporation 82375EB Datasheet HTML 6Page - Intel Corporation 82375EB Datasheet HTML 7Page - Intel Corporation 82375EB Datasheet HTML 8Page - Intel Corporation 82375EB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 131 page
background image
Other brands and names are the property of their respective owners
Information in this document is provided in connection with Intel products Intel assumes no liability whatsoever including infringement of any patent or
copyright for sale and use of Intel products except as provided in Intel’s Terms and Conditions of Sale for such products Intel retains the right to make
changes to these specifications at any time without notice Microcomputer Products may have minor variations to this specification known as errata
March 1996
COPYRIGHT
INTEL CORPORATION 1996
Order Number 290477-004
82375EB82375SB PCI-EISA BRIDGE (PCEB)
Y
Provides the Bridge Between the PCI
Local Bus and EISA Bus
Y
100% PCI and EISA Compatible
PCI and EISA MasterSlave Interface
Directly Drives 10 PCI Loads and 8
EISA Slots
Supports PCI from 25 to 33 MHz
Y
Data Buffers Improve Performance
Four 32-bit PCI-to-EISA Posted Write
Buffers
Four 16-byte EISA-to-PCI ReadWrite
Line Buffers
EISA-to-PCI Read Prefetch
EISA-to-PCI and PCI-to-EISA Write
Posting
Y
Data Buffer Management Ensures Data
Coherency
Flush Posted Write Buffers
Flush or Invalidate Line Buffers
System-Wide Data Buffer Coherency
Control
Y
Burst Transfers on both the PCI and
EISA Buses
Y
32-Bit Data Paths
Y
Integrated EISA Data Swap Buffers
Y
Arbitration for PCI Devices
Supports Six PCI Masters
Fixed Rotating or a Combination of
the Two
Supports External PCI Arbiter and
Arbiter Cascading
Y
PCI and EISA Address Decoding and
Mapping
Positive Decode of Main Memory
Areas (MEMCS
Generation)
Four Programmable PCI Memory
Space Regions
Four Programmable PCI IO Space
Regions
Y
Programmable Main Memory Address
Decoding
Main Memory Sizes up to
512 MBytes
Access Attributes for 15 Memory
Segments in First 1 MByte of Main
Memory
Programmable Main Memory Hole
Y
Integrated 16-bit BIOS Timer
Y
Only Available as Part of a Supported
Kit
The 82375EBSB PCI-EISA Bridge (PCEB) provides the masterslave functions on both the PCI Local Bus
and the EISA Bus Functioning as a bridge between the PCI and EISA buses the PCEB provides the address
and data paths bus controls and bus protocol translation for PCI-to-EISA and EISA-to-PCI transfers Exten-
sive data buffering in both directions increases system performance by maximizing PCI and EISA Bus efficien-
cy and allowing concurrency on the two buses The PCEB’s buffer management mechanism ensures data
coherency The PCEB integrates central bus control functions including a programmable bus arbiter for the
PCI Bus and EISA data swap buffers for the EISA Bus Integrated system functions include PCI parity genera-
tion system error reporting and programmable PCI and EISA memory and IO address space mapping and
decoding The PCEB also contains a BIOS Timer that can be used to implement timing loops The PCEB is
intended to be used with the EISA System Component (ESC) to provide an EISA IO subsystem interface
This document describes both the 82375EB and 82375SB components Unshaded areas describe the
82375EB Shaded areas like this one describe the 82375SB operations that differ from the 82375EB


Similar Part No. - 82375EB

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8237 FILTRAN-8237 Datasheet
257Kb / 2P
LAN 10 BASE-T Surface Mount Interface Modules
logo
API Technologies Corp
8237 APITECH-8237 Datasheet
1Mb / 2P
10 Base-T Surface Mount Interface Modules
logo
Belden Inc.
8237 BELDEN-8237 Datasheet
138Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8, 13 AWG Str BC, 95% BC Braid,PVC Jkt, CMH
04-13-2023
8237-010100 BELDEN-8237-010100 Datasheet
138Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8, 13 AWG Str BC, 95% BC Braid,PVC Jkt, CMH
04-13-2023
8237-0101000 BELDEN-8237-0101000 Datasheet
138Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8, 13 AWG Str BC, 95% BC Braid,PVC Jkt, CMH
04-13-2023
More results

Similar Description - 82375EB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI2031 TI-PCI2031 Datasheet
920Kb / 70P
PCI-TO-PCI BRIDGE
PCI2050 TI-PCI2050 Datasheet
335Kb / 81P
PCI-TO-PCI BRIDGE
PCI2050B TI-PCI2050B Datasheet
410Kb / 87P
PCI-TO-PCI BRIDGE
logo
Intel Corporation
21150 INTEL-21150 Datasheet
1Mb / 164P
PCI-to-PCI Bridge
21152 INTEL-21152 Datasheet
1Mb / 148P
PCI-to-PCI Bridge
FW21154AE INTEL-FW21154AE Datasheet
345Kb / 36P
PCI-to-PCI Bridge
logo
Texas Instruments
PCI2040 TI1-PCI2040_13 Datasheet
444Kb / 88P
PCI-to-PCI Bridge
PCI2050B TI1-PCI2050B_17 Datasheet
445Kb / 88P
PCI-to-PCI Bridge
PCI2050B TI-PCI2050B_V01 Datasheet
511Kb / 88P
PCI-to-PCI Bridge
PCI2050B TI-PCI2050B_V02 Datasheet
512Kb / 88P
PCI-to-PCI Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com