Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 83 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 83 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 79Page - Intel Corporation 82375EB Datasheet HTML 80Page - Intel Corporation 82375EB Datasheet HTML 81Page - Intel Corporation 82375EB Datasheet HTML 82Page - Intel Corporation 82375EB Datasheet HTML 83Page - Intel Corporation 82375EB Datasheet HTML 84Page - Intel Corporation 82375EB Datasheet HTML 85Page - Intel Corporation 82375EB Datasheet HTML 86Page - Intel Corporation 82375EB Datasheet HTML 87Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 131 page
background image
82375EBSB
522 INCREMENTAL LATENCY MECHANISM
As a target the PCEB supports the Incremental Latency Mechanism for PCI-to-EISA cycles The PCI specifi-
cation states that for multi-data phase PCI cycles if the incremental latency from current data phase (N) to the
next data phase (Na1) is greater than eight PCICLKs the target must manipulate TRDY
and STOP
to
stop the transaction after the current data phase (N) All PCI-to-EISA cycles (memory readwrite and IO read
write) are automatically terminated (during a burst) after the first data phase because they require more than
eight PCICLKs to complete on the EISA Bus
Therefore the PCEB does not need to specifically implement an 8 PCICLK timer and the PCEB handles a
disconnect in a pre-determined fashion based on the type of current transaction
53 PCI Bus Parity Support And Error Reporting
PCI provides for parity and asynchronous system errors to be detected and reported separately The PCEB
ESC chip set implements both mechanisms The PCEB implements only parity generation and checking and it
does not interface to the SERR
signal Reporting of both PERR
and SERR
indicated errors is implement-
ed in the ESC
531 PARITY GENERATION AND CHECKING
The PCEB supports parity generation and checking on the PCI Bus During the address and data phases
parity covers AD 310 and the CBE 30
lines regardless of whether or not all lines carry meaningful
information Byte lanes that are not actually transferring data are still required to be driven with stable (albeit
meaningless) data and are included in the parity calculation Parity is calculated such that the number of 1s on
AD 310
CBE 30
and the PAR signals is an even number
The role of the PCEB in parity generationchecking depends on the phase of the cycle (address or data) the
type of bus cycle (read or write) and whether the PCEB is a master or target The following paragraphs and
Figure 20 summarize the behavior of the PCEB during the address and data phase of a PCI Bus cycle
290477 – 62
Figure 20 Parity Operation
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com