Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 69 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 69 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 65Page - Intel Corporation 82375EB Datasheet HTML 66Page - Intel Corporation 82375EB Datasheet HTML 67Page - Intel Corporation 82375EB Datasheet HTML 68Page - Intel Corporation 82375EB Datasheet HTML 69Page - Intel Corporation 82375EB Datasheet HTML 70Page - Intel Corporation 82375EB Datasheet HTML 71Page - Intel Corporation 82375EB Datasheet HTML 72Page - Intel Corporation 82375EB Datasheet HTML 73Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 131 page
background image
82375EBSB
For IO cycles PCI addressing is on byte boundaries and all 32 AD lines are decoded to provide the byte
address For memory cycles AD 10 are used to define the type of burst ordering For configuration cycles
DEVSEL
is strictly a function of IDSEL
Configuration registers are selected as Dwords using AD 72 The
AD 10 must be 00 for the target to directly respond to the configuration cycle The byte enables determine
which byte lanes contain valid data
Each PCI agent is responsible for its own positive address decode Only one agent (the PCEB) on the PCI Bus
may use subtractive decoding The little endian addressing model is used
The byte enables are used to determine which bytes carry meaningful data These signals are permitted to
change between data phases The byte enables must be driven valid from the edge of the clock that starts
each data phase and must stay valid for the entire data phase Figure 7 the data phases begin on clocks 3
and 4 (Changing byte enables during a read burst transaction is generally not useful but is supported on the
bus) The master is permitted to change the byte enables on each new data phase although the read diagram
does not show this The timing for changing byte enables is the same for read and write transactions If byte
enables are important for the target on a read transaction the target must wait for the byte enables to be
driven on each data phase before completing the transfer
5131 Turn-Around-Cycle Definition
A turn-around-cycle is required on all signals that may be driven by more than one agent The turn-around-cy-
cle is required to avoid contention when one agent stops driving a signal and another agent begins and must
last at least one clock The symbol that represents a turn-around-cycle in the timing relationship figures is a
circular set of two lines each with an arrow that points to the other’s tail This turn-around-cycle occurs at
different times for different signals For example the turn-around-cycle for IRDY
TRDY
and DEVSEL
occurs during the address phase and for FRAME
CBE
and AD it occurs during the idle cycle
5132 Idle Cycle Definition
The cycle between clocks 7 and 8 in Figure 8 is called an idle cycle Idle cycles appear on the PCI Bus
between the end of one transaction and the beginning of the next An idle cycle occurs when both FRAME
and IRDY
are negated
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com