Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 43 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 43 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 39Page - Intel Corporation 82375EB Datasheet HTML 40Page - Intel Corporation 82375EB Datasheet HTML 41Page - Intel Corporation 82375EB Datasheet HTML 42Page - Intel Corporation 82375EB Datasheet HTML 43Page - Intel Corporation 82375EB Datasheet HTML 44Page - Intel Corporation 82375EB Datasheet HTML 45Page - Intel Corporation 82375EB Datasheet HTML 46Page - Intel Corporation 82375EB Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 131 page
background image
82375EBSB
Bit
Description
76
Reserved
5
8259 Decode Control (8259DC)
This bit enablesdisables positive decode of 8259 locations 0020h
0021h 00A0h and 00A1h When this bit is 1 positive decode for these locations are enabled When
this bit is 0 positive decode for these locations is disabled After reset this bit is 0 Note that if positive
decode is disabled these 8259 locations can still be accessed via subtractive decode
4
IDE Decode Control (IDEDC)
This bit enablesdisables positive decode of IDE locations 1F0 – 1F7h
(primary) or 170 – 177h (secondary) and 3F6h3F7h (primary) or 376h377h (secondary) When
IDEDCe0 positive decode is disabled When IDECDe1 positive decode is enabled After reset this
bit is 0 Note that if positive decode is disabled these IDE locations can still be accessed via
subtractive decode
31
Reserved
0
82375EB Reserved
Must be 0 when programming this register
82375SB PCI Memory Address Decoding Mode (PMAD)
This bit selects between subtractive and
negative decoding When PMADe1 negative decoding is selected When PMADe0 subtractive
decoding is selected After reset this bit is 0
3121 EADC2EISA ADDRESS DECODE CONTROL EXTENSION REGISTER
Address Offset
5Ah
Default value
00h
Attribute
ReadWrite
Size
8 bits
This register specifies EISA-to-PCI mapping for the 896 KByte to 1 MByte memory address range (BIOS) If
this memory block is enabled EISA memory accesses in this range will result in the EISA cycles being
forwarded to the PCI Bus (Note that enabling this block is necessary if BIOS resides within the PCI and not
within the EISA subsystem)
This register also defines mapping for the 16 MByte - 64 KByte to 16 MByte memory address range This
mapping is important if the BIOS is aliased at the top 64 KBytes of 16 MBytes If the region is enabled and this
address range is within the hole defined by the MCSBOH and MCSTOH Registers or above the top of main
memory defined by the MCSTOM Register the EISA cycle is forwarded to the PCI
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com