Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 68 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 68 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 64Page - Intel Corporation 82375EB Datasheet HTML 65Page - Intel Corporation 82375EB Datasheet HTML 66Page - Intel Corporation 82375EB Datasheet HTML 67Page - Intel Corporation 82375EB Datasheet HTML 68Page - Intel Corporation 82375EB Datasheet HTML 69Page - Intel Corporation 82375EB Datasheet HTML 70Page - Intel Corporation 82375EB Datasheet HTML 71Page - Intel Corporation 82375EB Datasheet HTML 72Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 131 page
background image
82375EBSB
5128 Memory Read Multiple
Target support
The PCEB aliases this command to a normal memory read cycle See the Memory Read command descrip-
tion
Initiator support
Memory read multiple cycles are never generated by the PCEB
5129 Memory Read Line
Target support
The PCEB aliases this command to a normal memory read See the Memory Read command description
Initiator support
Memory read line cycles are never generated by the PCEB
51210 Memory Write And Invalidate
Target support
Response
The PCEB treats this command like a memory write See the Memory Write command description
Initiator support
Cycle Generation Conditions
The PCEB does not generate this command cycle
513 PCI TRANSFER BASICS
The basic bus transfer mechanism on the PCI Bus is a burst A burst is comprised of an address phase and
one or more data phases The PCI protocol specifies the following types of burst ordering (signaled via A 10
during the address phase)
A 10
Burst Order
0 0
Linear Incrementing
0 1
Cache line toggle mode
1 X
Reserved
The PCEB only supports linear incrementing burst ordering as an initiator Data transfers for ordering other
than linear incrementing are disconnected by the PCEB (burst split into multiple single data transfers)
The fundamentals of all PCI data transfers are controlled with the following three signals
 FRAME
is driven by the PCI master to indicate the beginning and end of a transaction
 IRDY
is driven by the PCI master allowing it to force wait states
 TRDY
is driven by the PCI target allowing it to force wait states
The PCI Bus is idle when both FRAME
and IRDY
are negated The first clock edge that FRAME
is
sampled asserted is the address phase and the address and bus command code are transferred on that clock
edge The next clock edge begins the first of one or more data phases During the data phases data is
transferred between master and slave on each clock edge that both IRDY
and TRDY
are sampled assert-
ed Wait states may be inserted by either the master (by negating IRDY ) or the target (by negating TRDY )
When a PCI master has one more data transfer to complete the cycle (which could be immediately after the
address phase) it negates FRAME
IRDY
must be asserted at this time indicating that the master is ready
for the final data transfer After the target indicates the final data transfer (TRDY
asserted) the master
negates IRDY
causing the target’s PCI interface to return to the idle state (FRAME
and IRDY
negated)
on the next clock edge
68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com