Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 72 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 72 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 68Page - Intel Corporation 82375EB Datasheet HTML 69Page - Intel Corporation 82375EB Datasheet HTML 70Page - Intel Corporation 82375EB Datasheet HTML 71Page - Intel Corporation 82375EB Datasheet HTML 72Page - Intel Corporation 82375EB Datasheet HTML 73Page - Intel Corporation 82375EB Datasheet HTML 74Page - Intel Corporation 82375EB Datasheet HTML 75Page - Intel Corporation 82375EB Datasheet HTML 76Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 131 page
background image
82375EBSB
515 BASIC WRITE
Figure 9 shows the PCEB as a master writing to PCI memory in zero wait states Figure 10 shows the fastest
response of the PCEB as a target to a memory or IO write transaction generated by a PCI master
As a PCI master
the PCEB performs memory write and IO transfers If buffering of memory accesses is
enabled write transfers are posted When writing data to PCI memory the PCEB writes a maximum of 16
bytes (one line of the Line Buffer) using a burst write cycle IO writes are always non-buffered transactions
The PCEB generates PCI write cycles on behalf of EISA masters and DMA devices and when the PCEB
flushes its internal Line Buffer
As a PCI target
the PCEB responds to both IO and memory write transfers If the EISA Bus is occupied the
PCI write is retried by the PCEB When the PCEB owns the EISA Bus the transaction proceeds For burst IO
writes the PCEB always target terminates after the first data transaction by asserting STOP
and TRDY
at
the end of the first data phase During a burst memory write the PCEB always target terminates after the first
data phase
Figure 10 shows the fastest PCEB response to a write cycle targeted to an internal PCI configuration register
During IO or memory write accesses to the EISA Bus the PCEB always adds wait states The PCEB adds
wait states by holding TRDY
high until the transfer on the EISA Bus is completed
290477 – 51
Figure 9 PCEB Write to PCI Memory
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com