Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 45 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 45 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 41Page - Intel Corporation 82375EB Datasheet HTML 42Page - Intel Corporation 82375EB Datasheet HTML 43Page - Intel Corporation 82375EB Datasheet HTML 44Page - Intel Corporation 82375EB Datasheet HTML 45Page - Intel Corporation 82375EB Datasheet HTML 46Page - Intel Corporation 82375EB Datasheet HTML 47Page - Intel Corporation 82375EB Datasheet HTML 48Page - Intel Corporation 82375EB Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 131 page
background image
82375EBSB
Bit
Description
74
Reserved
3
Region 4 Attribute (REG-4)
EISA accesses to this PCI memory region are buffered when this bit is 1
and non-buffered when this bit is 0 If the Line Buffers are disabled via the PCICON Register (bit 6)
buffering is disabled regardless of the value of this bit
2
Region 3 Attribute (REG-3)
EISA accesses to this PCI memory region are buffered when this bit is 1
and non-buffered when this bit is 0 If the Line Buffers are disabled via the PCICON Register (bit 6)
buffering is disabled regardless of the value of this bit
1
Region 2 Attribute (REG-2)
EISA accesses to this PCI memory region are buffered when this bit is 1
and non-buffered when this bit is 0 If the Line Buffers are disabled via the PCICON Register (bit 6)
buffering is disabled regardless of the value of this bit
0
Region 1 Attribute (REG-1)
EISA accesses to this PCI memory region are buffered when this bit is 1
and non-buffered when this bit is 0 If the Line Buffers are disabled via the PCICON Register (bit 6)
buffering is disabled regardless of the value of this bit
3123 MEMREGN 41
EISA-TO-PCI MEMORY REGION ADDRESS REGISTERS
Address Offset
60-63h (Memory Region 1)
64-67h (Memory Region 2)
68-6Bh (Memory Region 3)
6C-6Fh (Memory Region 4)
Default Value
0000FFFFh
Attribute
ReadWrite
Size
32 bits
These 32-bit registers provide four windows for EISA-to-PCI memory accesses Each window defines a posi-
tively decoded programmable address region for mapping EISA memory space to the corresponding PCI
memory space This base and limit address fields define the size and location of the region within the 4 GByte
PCI memory space The base and limit addresses can be aligned on any 64 KByte boundary and each region
can be sized in 64 KByte increments up to the theoretical maximum size of 4 GByte The default values of this
register ensure that the regions are initially disabled
A region is selected based on the following formula Base Address s address s Limit Address
Bit
Description
3116
Memory Region Limit Address
For EISA-to-PCI accesses bits 3116 correspond to address
lines LA 3116 on the EISA Bus and AD 3116 on the PCI Bus This field determines the limit
address of the memory region within the 4 GByte PCI memory space
150
Memory Region Base Address
For EISA-to-PCI accesses bits 150 correspond to address lines
LA 3116 on the EISA Bus and AD 3116 on the PCI Bus This field determines the starting
address of the memory region within the 4 GByte PCI memory space
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com