Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 13 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 13 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 9Page - Intel Corporation 82375EB Datasheet HTML 10Page - Intel Corporation 82375EB Datasheet HTML 11Page - Intel Corporation 82375EB Datasheet HTML 12Page - Intel Corporation 82375EB Datasheet HTML 13Page - Intel Corporation 82375EB Datasheet HTML 14Page - Intel Corporation 82375EB Datasheet HTML 15Page - Intel Corporation 82375EB Datasheet HTML 16Page - Intel Corporation 82375EB Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 131 page
background image
82375EBSB
The DMA controller supports an enhanced feature called scattergather This feature provides the capability
of transferring multiple buffers between memory and IO without CPU intervention In scattergather mode
the DMA can read the memory address and word count from an array of buffer descriptors located in main
memory called the scattergather descriptor (SGD) table This allows the DMA controller to sustain DMA
transfers until all of the buffers in the SGD table are handled
Interrupt Controller
The ESC contains an EISA compatible interrupt controller that incorporates the functionality of two 82C59
Interrupt Controllers The two interrupt controllers are cascaded providing 14 external and two internal inter-
rupts
Advanced Programmable Interrupt Controller (APIC)
In addition to the standard EISA compatible interrupt controller described above the ESC incorporates the
Advanced Programmable Interrupt Controller (APIC) While the standard interrupt controller is intended for use
in a uni-processor system APIC can be used in either a uni-processor or multi-processor system APIC
provides multi-processor interrupt management and incorporates both static and dynamic symmetric interrupt
distribution across all processors In systems with multiple IO subsystems each subsystem can have its own
set of interrupts
TimerCounter
The ESC provides two 82C54 compatible timers (Timer 1 and Timer 2) The counters in Timer 1 support the
system timer interrupt (IRQ0 ) refresh request and a speaker tone output (SPKR) The counters in Timer 2
support fail-safe time-out functions and the CPU speed control
Integrated Support Logic
To minimize the chip count for board designs the ESC incorporates a number of extended features The ESC
provides support for ALTA20 (Fast A20GATE) and ALTRST with IO Port 92h The ESC generates the control
signals for SA address buffers and X-Bus buffer The ESC also provides chip selects for BIOS the keyboard
controller the floppy disk controller and three general purpose devices Support for generating chip selects
with an external decoder is provided for IDE a parallel port and a serial port The ESC provides support for a
PCAT compatible coprocessor interface and IRQ13 generation
Power Management
Extensive power management capability permits a system to operate in a low power state without being
powered down Once in the low power state (called ‘‘Fast Off’’ state) the computer appears to be off For
example the SMM code could turn off the CRT line printer hard disk drive’s spindle motor and fans In
addition the CPU’s clock can be governed To the user the machine appears to be in the off state However
the system is actually in an extremely low power state that still permits the CPU to function and maintain
communication connections normally associated with today’s desktops (eg LAN Modem or FAX) Program-
mable options provide power management flexibility For example various system events can be programmed
to place the system in the low power state or break events can be programmed to wake the system up
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com