Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 56 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 56 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 52Page - Intel Corporation 82375EB Datasheet HTML 53Page - Intel Corporation 82375EB Datasheet HTML 54Page - Intel Corporation 82375EB Datasheet HTML 55Page - Intel Corporation 82375EB Datasheet HTML 56Page - Intel Corporation 82375EB Datasheet HTML 57Page - Intel Corporation 82375EB Datasheet HTML 58Page - Intel Corporation 82375EB Datasheet HTML 59Page - Intel Corporation 82375EB Datasheet HTML 60Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 131 page
background image
82375EBSB
Negative decoding has the following properties
 All addresses above the top of main memory or within the MEMCS
hole (as defined by the MEMCS
map) are negatively decoded to EISA except for the four programmable EISA-to-PCI memory regions
These regions (MEMREGN 41 ) can overlap with active main memory ranges the main memory hole or
with the memory space above the top of main memory PCI accesses to MEMREGN 41 are always
subtractively decoded to EISA
 All addresses within MEMCS
defined ranges 640 KByte to 1 MByte can be either mapped to PCI or EISA
using positive decoding Some of these regions allow more detailed mapping based on programmable
access attributes (read enable and write enable) This permits a region to be positively decoded for the
enabled attribute and negatively decoded if enabled to the EISA Bus for the disabled attribute For exam-
ple if a region is enabled for reads and disabled for writes accesses to the region are positively decoded to
the PCI for reads and negatively decoded if enabled to EISA for writes If negative decoding is disabled
(ie subtractive decoding enabled) the write is subtractively decoded to EISA
 When negative decoding is enabled MEMREGN 41 can still be set up for subtractive decoding A PCI
device that requires subtractive decoding must reside within Region 41
As a result the subtractive
decoding penalty is only associated with some address ranges (ie some devices) and not with all non-PCI
ranges This feature can be used with PCI devices that dynamically change response on PCI cycles based
on cycle type or an internal device state (eg intervention cycle)
If a PCI device can not be located in one of the regions (Region 41 ) then negative decoding can not be
used This could occur for systems with very specific address mapping requirements or systems where the
device addresses that reside on the PCI Bus are highly fragmented and could not be accommodated with
four regions
Note that the four regions do not limit mapping to only four devices More than one device can be mapped
into the same programmable region These devices will reside within their own sub-regions which are not
necessarily contiguous
412 PCEB CONFIGURATION REGISTERS
PCI accesses to the PCEB configuration registers are positively decoded For a detailed address map of the
PCEB configuration registers see Section 31 Configuration Registers
413 PCEB IO REGISTERS
The only IO-mapped register in the PCEB is the BIOS Timer Register Section 32 provides details on the
address mapping of this register Note that the internal decode of the BIOS Timer Register is disabled after
reset and all IO accesses that are not contained within the PCI are subtractively decoded and passed to EISA
Bus To enable IO access to the PCEB’s BIOS Timer Register The BTMR Register must be programmed
414 POSITIVELY DECODED COMPATIBILITY IO REGISTERS
The 8259 interrupt controller and IDE register locations are positively decoded Access to the corresponding
IO address ranges must first be enabled through the PDCON Register
PCI accesses to these registers are broadcast to the EISA Bus These PCI accesses require the ownership of
the EISA Bus and will be retried if the EISA Bus is owned by an EISAISA master or the DMA
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com