Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 37 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 37 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 33Page - Intel Corporation 82375EB Datasheet HTML 34Page - Intel Corporation 82375EB Datasheet HTML 35Page - Intel Corporation 82375EB Datasheet HTML 36Page - Intel Corporation 82375EB Datasheet HTML 37Page - Intel Corporation 82375EB Datasheet HTML 38Page - Intel Corporation 82375EB Datasheet HTML 39Page - Intel Corporation 82375EB Datasheet HTML 40Page - Intel Corporation 82375EB Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 131 page
background image
82375EBSB
3113 MCSTOHMEMCS
TOP OF HOLE REGISTER
Address Offset
46h
Default value
0Fh
Attribute
ReadWrite
Size
8 bits
This register defines the top of the MEMCS
hole MEMCS
is not generated for accesses to addresses
within the hole defined by this register and the MCSBOH Register The hole is defined by the following
equation
TOH t address t BOH TOH is the top of the MEMCS
hole defined by this register and BOH is the bottom
of the MEMCS
hole defined by the MCSBOH Register
For example to program the TOH at 1 MByte a 64 KByte this register should be programmed to 10h To
program the TOH at 2 MByte a 128 KByte this register should be programmed to 21h To program the TOH at
12 MByte this register should be programmed to BFh
When the TOH k BOH the hole is disabled If TOHeBOH the hole size is 64 KBytes It is the responsibility of
the programmer to guarantee that the TOH is above 1 MByte AD 3124 must be 0’s for the hole meaning the
hole is restricted to be under the 16 MByte boundary The default value for the BOH and TOH disables the
hole
Bit
Description
70
Top of MEMCS
Hole
Bits 70 correspond to address lines AD 2316 respectively
3114 MCSTOMMEMCS
TOP OF MEMORY REGISTER
Address Offset
47h
Default value
00h
Attribute
ReadWrite
Size
8 bits
This register determines MEMCS
top of memory boundary The top of memory boundary ranges from
2 MBytes-1 to 512 MBytes-1 in 2 MByte increments This register is typically set to the top of main memory
Accesses t 1 MByte and s top of memory boundary results in the assertion of the MEMCS
signal (unless
the address resides in the hole programmed via the MCSBOH and MCSTOH Registers) A value of 00h sets
top of memory at 2 MBytes-1 (including the 2 MByte-1 address) A value of FFh sets the top of memory at
512 MByte-1 (including the 512 MByte-1 address)
Bit
Description
70
Top of MEMCS
Memory Boundary
Bits 70 correspond to address lines AD 2821 respectively
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com