Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 33 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 33 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 29Page - Intel Corporation 82375EB Datasheet HTML 30Page - Intel Corporation 82375EB Datasheet HTML 31Page - Intel Corporation 82375EB Datasheet HTML 32Page - Intel Corporation 82375EB Datasheet HTML 33Page - Intel Corporation 82375EB Datasheet HTML 34Page - Intel Corporation 82375EB Datasheet HTML 35Page - Intel Corporation 82375EB Datasheet HTML 36Page - Intel Corporation 82375EB Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 131 page
background image
82375EBSB
Bit
Description
43
Subtractive Decoding Sample Point (SDSP)
The SDSP field determines the DEVSEL
sample
point after which an inactive DEVSEL
results in the PCEB forwarding the unclaimed PCI cycle to the
EISA Bus (subtractive decoding) This setting should match the slowest device in the system When
the MEMCS
function is enabled MEMCS
is sampled as well as an early indication of an eventual
DEVSEL
Bits 43
Operation
00
Slow sample point (default value)
01
Typical sample point
10
Reserved
11
Reserved
2
Reserved
This bit must be 0 when programming this register
10
Reserved
318 ARBCONPCI ARBITER CONTROL REGISTER
Address Offset
41h
Default Value
80h
Attribute
ReadWrite
Size
8 bits
This register controls the operation of the PCEB’s internal PCI arbiter The register enablesdisables auto-
PEREQ
controls the master retry timer enablesdisables CPU bus parking controls bus lock and enables
disables the guaranteed access time (GAT) mode for EISAISA accesses
NOTE
1 For proper system operation the master retry timer (bits 43 ) must not be disabled This field
defaults to 00 (disabled) and must be program to either 01 10 or 11
2 The PCMC Host bridge device requires that bit 7 be set to 1 (default) However other chip sets
might need to have this function disabled to provide more optimum performance for EISA subsys-
tems This functionality is built-in to prevent starvation of PCI agents (in particular the host bridge
ie
CPU) when EISA masters are performing transactions in the GAT mode If this function is dis-
abled the host bridge must be capable of generating the PCI Bus request even when the Host Bus is
not controlled by the CPU (CPU tri-stated all Host Bus signals or even only address bus in response
to HOLDAHOLD) The CPU pin that provides an indication of a request for the external bus (eg
after cache miss) can be used by the host bridge to generate the request for the PCI Bus during GAT
mode operations even when no address lines are driven by the CPU
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com