Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 75 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 75 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 71Page - Intel Corporation 82375EB Datasheet HTML 72Page - Intel Corporation 82375EB Datasheet HTML 73Page - Intel Corporation 82375EB Datasheet HTML 74Page - Intel Corporation 82375EB Datasheet HTML 75Page - Intel Corporation 82375EB Datasheet HTML 76Page - Intel Corporation 82375EB Datasheet HTML 77Page - Intel Corporation 82375EB Datasheet HTML 78Page - Intel Corporation 82375EB Datasheet HTML 79Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 131 page
background image
82375EBSB
290477 – 54
Figure 12 PCI Interrupt Acknowledge Cycle
518 EXCLUSIVE ACCESS
Refer to Figure 13 Figure 14 and Figure 15 for exclusive access timing relationships
Target support
PCI provides an exclusive access mechanism that allows non-exclusive accesses to proceed in the face of
exclusive accesses This is referred to as a Resource Lock (Note that the exclusive access mechanism that
locks the entire bus is Bus Lock) The PCEB as a resource can be locked by any PCI initiator In the context
of locked cycles the PCEB and entire EISA subsystem are considered a single resource (EISA subsystem is
indirectly locked during an exclusive access to the PCEB) A locked access to any address contained within
the EISA subsystem locks the entire subsystem from the PCI side The PLOCK
signal is propagated to the
EISA LOCK
signal Note that write posting (PCI-to-EISA) is disabled for PCI locked cycles propagated to the
EISA subsystem The EISA Bus is not released to ESC until the locked sequence is complete A subsequent
PCI initiator access to the EISA subsystem while it is locked results in a retry The PCEB becomes locked
when it is the target of the access and PLOCK
is sampled negated during the address phase The PCEB
remains locked until FRAME
and PLOCK
are both sampled negated When in a locked state the PCEB
only accepts requests when PLOCK
is sampled negated during the address phase If PLOCK
is asserted
during the address phase the PCEB responds by asserting STOP
with TRDY
negated (RETRY)
As an unlocked target the PCEB ignores PLOCK
when deciding if it should respond to a PCI address
decoder hit Also if PLOCK
is sampled asserted during an address phase the PCEB does not go into a
locked state
As a locked target the PCEB responds to an initiator when it samples PLOCK
negated during the address
phase of the cycle in which the PCEB is the target of the access The locking master may negate PLOCK
at
the end of the last data phase When FRAME
and PLOCK
are both sampled negated the PCEB goes to
the unlocked state
Note that the PCEB does not release the EISA Bus when it is in the locked state
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com