Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 63 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 63 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 59Page - Intel Corporation 82375EB Datasheet HTML 60Page - Intel Corporation 82375EB Datasheet HTML 61Page - Intel Corporation 82375EB Datasheet HTML 62Page - Intel Corporation 82375EB Datasheet HTML 63Page - Intel Corporation 82375EB Datasheet HTML 64Page - Intel Corporation 82375EB Datasheet HTML 65Page - Intel Corporation 82375EB Datasheet HTML 66Page - Intel Corporation 82375EB Datasheet HTML 67Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 131 page
background image
82375EBSB
NOTE
1 All signals are sampled on the rising edge of the PCI clock Each signal has a setup and hold
window with respect to the rising clock edge in which transitions are not allowed Outside of this
range signal values or transitions have no significance
2 The terms initiator and master are synonymous Likewise the terms target and slave are synony-
mous
3 Readers should be familiar with the PCI Bus specification
51 PCI Bus Transactions
This section presents the PCI Bus transactions supported by the PCEB
511 PCI COMMAND SET
PCI Bus commands indicate to the target the type of transaction requested by the master These commands
are encoded on the CBE 30
lines during the address phase of a transfer Table 5 summarizes the PCEB’s
support of the PCI Bus commands
Table 5 PCEB-Supported PCI Bus Commands
CBE 30
Command Type
Supported As Target
Supported As Initiator
0000
Interrupt Acknowledge
Yes
No
0001
Special Cycle
No
No
0010
IO Read
Yes
Yes
0011
IO Write
Yes
Yes
0100
Reserved
NA(3)
NA(3)
0101
Reserved
NA(3)
NA(3)
0110
Memory Read
Yes
Yes
0111
Memory Write
Yes
Yes
1000
Reserved
NA(3)
NA(3)
1001
Reserved
NA(3)
NA(3)
1010
Configuration Read
Yes
No
1011
Configuration Write
Yes
No
1100
Memory Read Multiple
No(2)
No
1101
Reserved
NA(3)
NA(3)
1110
Memory Read Line
No(2)
No
1111
Memory Write and Invalidate
No(1)
No
NOTES
1 As a target the PCEB treats this command as a memory write command
2 As a target the PCEB treats this command as a a memory read command
3 The PCEB considers a reserved command invalid and as a target completely ignores the transaction All internal ad-
dress decoding is ignored and the PCEB never asserts DEVSEL
As a PCI master the PCEB never generates a bus
cycle with a reserved command type
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com