Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82375EB Datasheet(PDF) 103 Page - Intel Corporation

Part # 82375EB
Description  PCI-EISA BRIDGE (PCEB)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82375EB Datasheet(HTML) 103 Page - Intel Corporation

Back Button 82375EB Datasheet HTML 99Page - Intel Corporation 82375EB Datasheet HTML 100Page - Intel Corporation 82375EB Datasheet HTML 101Page - Intel Corporation 82375EB Datasheet HTML 102Page - Intel Corporation 82375EB Datasheet HTML 103Page - Intel Corporation 82375EB Datasheet HTML 104Page - Intel Corporation 82375EB Datasheet HTML 105Page - Intel Corporation 82375EB Datasheet HTML 106Page - Intel Corporation 82375EB Datasheet HTML 107Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 131 page
background image
82375EBSB
290477 – 68
Figure 25 EISA Memory and IO ReadWrite Cycle (One Extended and Two Standard Cycles)
712 EISA BACK-OFF CYCLE
For mismatched cycles to an EISAISA slave the PCEB as a master backs off the EISA Bus by floating the
START
BE 30
and SD 310 signals one and half BCLKs after START
has been asserted The ESC
controls the EISA Bus for the duration of the cycle This allows the ESC to perform data translation if
necessary At the end of the cycle the ESC transfers control back to the PCEB by asserting EX16
and
EX32
on the falling edge of BCLK before the rising edge of BCLK that the last CMD
is negated Refer to
the ESC data sheet for further details on master back-off and the cycle transfer control operations
Figure 26 shows an example of a back-off sequence during a 32-bit EISA master to 16-bit EISA slave Dword
read and write operation The thick lines indicate the change of control between the master and the ESC
PCEB Reading From a 16-bit EISA Slave
As a 32-bit EISA master the PCEB begins by placing the address on LA 312 and driving MIO
The 16-bit
EISA slave decodes the address and asserts EX16
The PCEB asserts START
WR
and BE 30
The ESC samples EX32
and EX16
on the rising edge of BCLK following the assertion of START
and
asserts CMD
At the same time the PCEB negates START
and samples EX32
When EX32
is sampled
negated the PCEB floats START
and BE 30
Note that the PCEB continues to drive a valid address on
LA 310
103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com