Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 201 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 201 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 197Page - Microchip Technology MEC1322 Datasheet HTML 198Page - Microchip Technology MEC1322 Datasheet HTML 199Page - Microchip Technology MEC1322 Datasheet HTML 200Page - Microchip Technology MEC1322 Datasheet HTML 201Page - Microchip Technology MEC1322 Datasheet HTML 202Page - Microchip Technology MEC1322 Datasheet HTML 203Page - Microchip Technology MEC1322 Datasheet HTML 204Page - Microchip Technology MEC1322 Datasheet HTML 205Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 201
MEC1322
GPIO204
GIRQ20
4
N/A
GIRQ20
5
GPIO206
GIRQ20
6
N/A
GIRQ20
7
GPIO210
GIRQ20
8
GPIO211
GIRQ20
9
TIMER_16_0
GIRQ23
0
No
72
49
TIMER_16_1
GIRQ23
1
50
TIMER_16_2
GIRQ23
2
51
TIMER_16_3
GIRQ23
3
52
TIMER_32_0
GIRQ23
4
53
TIMER_32_1
GIRQ23
5
54
TABLE 15-4:
EC INTERRUPT STRUCTURE
Vector
Name
Link
Register
Priority
(Default)
Relative
Priority
Byte
Offset
0
Reset
-
High
H1
00h
1
Memory Error
ILINK2
High
H2
08h
2
Instruction Error
ILINK2
High
H3
10h
3
IRQ3-Reserved
ILINK1
level 1 (low)
L27
18h
4
IRQ4-Reserved
ILINK1
level 1 (low)
L26
20h
5
IRQ5-Reserved
ILINK1
level 1 (low)
L25
28h
6
IRQ6-Reserved
ILINK2
level 2 (mid)
M2
30h
7
IRQ7-Reserved
ILINK2
level 2 (mid)
M1
38h
8
IRQ8
ILINK1
level 1 (low)
L24
40h
9
IRQ9
ILINK1
level 1 (low)
L23
48h
10
IRQ10
ILINK1
level 1 (low)
L22
50h
11
IRQ11
ILINK1
level 1 (low)
L21
58h
12
IRQ12
ILINK1
level 1 (low)
L20
60h
13
IRQ13
ILINK1
level 1 (low)
L19
68h
14
IRQ14
ILINK1
level 1 (low)
L18
70h
15
IRQ15
ILINK1
level 1 (low)
L17
78h
16
IRQ16
ILINK1
level 1 (low)
L16
80h
17
IRQ17
ILINK1
level 1 (low)
L15
88h
18
IRQ18
ILINK1
level 1 (low)
L14
90h
19
IRQ19
ILINK1
level 1 (low)
L13
98h
20
IRQ20
ILINK1
level 1 (low)
L12
A0h
21
IRQ21
ILINK1
level 1 (low)
L11
A8h
22
IRQ22
ILINK1
level 1 (low)
L10
B0h
23
IRQ23
ILINK1
level 1 (low)
L9
B8h
24
IRQ24
ILINK1
level 1 (low)
L8
C0h
25
IRQ25
ILINK1
level 1 (low)
L7
C8h
26
IRQ26
ILINK1
level 1 (low)
L6
D0h
TABLE 15-3:
INTERRUPT EVENT AGGREGATOR ROUTING SUMMARY (CONTINUED)
Interrupt
Aggregator IRQ
Aggregator Bit
Wake
Event
Aggregated NVIC
Direct NVIC
Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com