Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 202 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 202 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 198Page - Microchip Technology MEC1322 Datasheet HTML 199Page - Microchip Technology MEC1322 Datasheet HTML 200Page - Microchip Technology MEC1322 Datasheet HTML 201Page - Microchip Technology MEC1322 Datasheet HTML 202Page - Microchip Technology MEC1322 Datasheet HTML 203Page - Microchip Technology MEC1322 Datasheet HTML 204Page - Microchip Technology MEC1322 Datasheet HTML 205Page - Microchip Technology MEC1322 Datasheet HTML 206Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 456 page
background image
MEC1322
DS00001719D-page 202
 2014 - 2015 Microchip Technology Inc.
15.8.3
DISABLING INTERRUPTS
The Block Enable Clear Register and Block Enable Set Register should not be used for disabling and enabling interrupts
for software operations i.e., critical sections. The ARM enable disable mechanisms should be used.
15.9
EC-Only Registers
The configuration registers listed in EC-Only Register Summary table are for a single instance of the EC Interrupt Aggre-
gator. The addresses of each register listed in the summary table are defined as a relative offset to the host “Begin
Address” defined in the EC-Only Register Base Address Table.
Note 15-1
The Begin Address indicates the location of the first register accessable at offset 00h in the Interrupt
Aggregator EC-Only address space.
27
IRQ27
ILINK1
level 1 (low)
L5
D8h
28
IRQ28
ILINK1
level 1 (low)
L4
E0h
29
IRQ29
ILINK1
level 1 (low)
L3
E8h
30
IRQ30
ILINK1
level 1 (low)
L2
F0h
31
IRQ31
ILINK1
level 1 (low)
L1
F8h
Note:
IRQ Vector 31 is the highest L1 Priority
TABLE 15-5:
EC-ONLY REGISTER ADDRESS RANGE TABLE
Instance Name
Instance
Number
Host
Address Space
Begin Address
(
Note 15-1)
Interrupt Aggregator
0
EC
32-bit internal
address space
4000_C000h
TABLE 15-6:
EC-ONLY REGISTER SUMMARY
Offset
Register Name
00h
GIRQ8 Source Register
04h
GIRQ8 Enable Set Register
08h
GIRQ8 Result Register
0Ch
GIRQ8 Enable Clear Register
14h
GIRQ9 Source Register
18h
GIRQ9 Enable Set Register
1Ch
GIRQ9 Result Register
20h
GIRQ9 Enable Clear Register
28h
GIRQ10 Source Register
2Ch
GIRQ10 Enable Set Register
30h
GIRQ10 Result Register
34h
GIRQ10 Enable Clear Register
3Ch
GIRQ11 Source Register
40h
GIRQ11 Enable Set Register
44h
GIRQ11 Result Register
48h
GIRQ11 Enable Clear Register
TABLE 15-4:
EC INTERRUPT STRUCTURE (CONTINUED)
Vector
Name
Link
Register
Priority
(Default)
Relative
Priority
Byte
Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com