Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 206 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 206 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 202Page - Microchip Technology MEC1322 Datasheet HTML 203Page - Microchip Technology MEC1322 Datasheet HTML 204Page - Microchip Technology MEC1322 Datasheet HTML 205Page - Microchip Technology MEC1322 Datasheet HTML 206Page - Microchip Technology MEC1322 Datasheet HTML 207Page - Microchip Technology MEC1322 Datasheet HTML 208Page - Microchip Technology MEC1322 Datasheet HTML 209Page - Microchip Technology MEC1322 Datasheet HTML 210Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 456 page
background image
MEC1322
DS00001719D-page 206
 2014 - 2015 Microchip Technology Inc.
15.9.2
GIRQ9
[15:8]
GPIO[157:150]
GPIO_Event
Y
Bits[8:15] are controlled by the GPIO_Events gener-
ated by GPIO150 through GPIO157, respectively.
The GPIO Interface can generate an interrupt source
event on a high level, low level, rising edge and fall-
ing edge, as configured by the Interrupt Detection
(int_det) bits in the Pin Control Register associated
with the GPIO signal function.
[21:16]
GPIO[165:160]
GPIO_Event
Y
Bits[16:21] are controlled by the GPIO_Events gen-
erated by GPIO160 through GPIO165, respectively.
The GPIO Interface can generate an interrupt source
event on a high level, low level, rising edge and fall-
ing edge, as configured by the Interrupt Detection
(int_det) bits in the Pin Control Register associated
with the GPIO signal function.
[30:22]
Reserved
Reserved
N
Reserved
31
n/a
n/a
N
See Table 15-7, "GIRQx Source Register", Table 15-
8, "GIRQx Enable Set Register", Table 15-10,
"GIRQx Enable Clear Register", and Table 15-9,
"GIRQx Result Register" for a definition of this bit for
the Source, Enable, and Result registers.
TABLE 15-12: BIT DEFINITIONS FOR GIRQ9 SOURCE, ENABLE, AND RESULT REGISTERS
Bit
Block Instance
Name
Source Name
Wake
Source Description
[7:0]
GPIO[107:100]
GPIO_Event
Y
Bits[0:7] are controlled by the GPIO_Events generated
by GPIO100 through GPIO107, respectively.
The GPIO Interface can generate an interrupt source
event on a high level, low level, rising edge and falling
edge, as configured by the Interrupt Detection (int_det)
bits in the Pin Control Register associated with the
GPIO signal function.
[15:8]
GPIO[117:110]
GPIO_Event
Y
Bits[8:15] are controlled by the GPIO_Events gener-
ated by GPIO110 through GPIO117, respectively.
The GPIO Interface can generate an interrupt source
event on a high level, low level, rising edge and falling
edge, as configured by the Interrupt Detection (int_det)
bits in the Pin Control Register associated with the
GPIO signal function.
[23:16]
GPIO[127:120]
GPIO_Event
Y
Bits[16:23] are controlled by the GPIO_Events gener-
ated by GPIO120 through GPIO127, respectively.
The GPIO Interface can generate an interrupt source
event on a high level, low level, rising edge and falling
edge, as configured by the Interrupt Detection (int_det)
bits in the Pin Control Register associated with the
GPIO signal function.
TABLE 15-11: BIT DEFINITIONS FOR GIRQ8 SOURCE, ENABLE, AND RESULT REGISTERS
Bit
Block Instance
Name
Source Name
Wake
Source Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com