Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 210 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 210 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 206Page - Microchip Technology MEC1322 Datasheet HTML 207Page - Microchip Technology MEC1322 Datasheet HTML 208Page - Microchip Technology MEC1322 Datasheet HTML 209Page - Microchip Technology MEC1322 Datasheet HTML 210Page - Microchip Technology MEC1322 Datasheet HTML 211Page - Microchip Technology MEC1322 Datasheet HTML 212Page - Microchip Technology MEC1322 Datasheet HTML 213Page - Microchip Technology MEC1322 Datasheet HTML 214Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 456 page
background image
MEC1322
DS00001719D-page 210
 2014 - 2015 Microchip Technology Inc.
15.9.7
GIRQ14
15.9.8
GIRQ15
31
n/a
n/a
N
See Table 15-7, "GIRQx Source Register", Table 15-8,
"GIRQx Enable Set Register", Table 15-10, "GIRQx
Enable Clear Register", and Table 15-9, "GIRQx Result
Register" for a definition of this bit for the Source, Enable,
and Result registers.
TABLE 15-17: BIT DEFINITIONS FOR GIRQ14 SOURCE, ENABLE, AND RESULT REGISTERS
Bit
Block Instance
Name
Source Name
Wake
Source Description
[1:0]
Reserved
Reserved
N
Reserved
2
IRQ_LPC
LPC_INTER-
NAL_ERR
N
The LPC_INTERNAL_ERR event is sourced by bit D0 of
the Host Bus Error Register.
[30:3]
Reserved
Reserved
N
Reserved
31
n/a
n/a
N
See Table 15-7, "GIRQx Source Register", Table 15-8,
"GIRQx Enable Set Register", Table 15-10, "GIRQx
Enable Clear Register", and Table 15-9, "GIRQx Result
Register" for a definition of this bit for the Source, Enable,
and Result registers.
TABLE 15-18: BIT DEFINITIONS FOR GIRQ15 SOURCE, ENABLE, AND RESULT REGISTERS
Bit
Block Instance
Name
Source Name
Wake
Source Description
0UART_0
UART
N
The UART interrupt event output indicates if an interrupt
is pending. See Table 14-13, “Interrupt Control Table,” on
page 186.
1
Reserved
Reserved
N
Reserved
2EMI_0
Host-to-EC
N
Communication event notifying the embedded controller
that the host has written to the Host-to-EC register.
5:3
Reserved
Reserved
N
Reserved
6
ACPI_EC[0] IBF
EC_IBF
N
EC_IBF interrupt is asserted when the IBF in the STATUS
EC-Register is set to ‘1’.
7
ACPI_EC[0] OBF
EC_OBF
N
EC_OBF interrupt is asserted when the OBF in the STA-
TUS EC-Register is cleared to ‘0’.
8
ACPI_EC[1] IBF
EC_IBF
N
EC_IBF interrupt is asserted when the IBF in the STATUS
EC-Register is set to ‘1’.
9
ACPI_EC[1] OBF
EC_OBF
N
EC_OBF interrupt is asserted when the OBF in the STA-
TUS EC-Register is cleared to ‘0’.
10
ACPI_PM1_CTL
ACPIPM1_CTL
N
PM1_CTL2 written by Host
11
ACPIPM1 EN
ACPIPM1_EN
N
PM1_EN2 written by Host
12
ACPIPM1 STS
ACPIPM1_STS
N
PM1_STS2 written by Host
13
8042EM OBF
8042EM_OBF
N
Interrupt generated by the host reading either data or aux
data from the data register
14
8042EM IBF
8042EM_IBF
N
Interrupt generated by the host writing either data or com-
mand to the data register
15
MBX
MBX Host-to-EC
N
Interrupt generated for HOST-to-EC events for writes to
the HOST-to-EC Mailbox Register
TABLE 15-16: BIT DEFINITIONS FOR GIRQ13 SOURCE, ENABLE, AND RESULT REGISTERS
Bit
Block Instance
Name
Source Name
Wake
Source Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com