Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 211 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 211 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 207Page - Microchip Technology MEC1322 Datasheet HTML 208Page - Microchip Technology MEC1322 Datasheet HTML 209Page - Microchip Technology MEC1322 Datasheet HTML 210Page - Microchip Technology MEC1322 Datasheet HTML 211Page - Microchip Technology MEC1322 Datasheet HTML 212Page - Microchip Technology MEC1322 Datasheet HTML 213Page - Microchip Technology MEC1322 Datasheet HTML 214Page - Microchip Technology MEC1322 Datasheet HTML 215Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 211
MEC1322
15.9.9
GIRQ16
15.9.10
GIRQ17
16
MBX_DATA
MBX_DATA
N
Interrupt generated for Host writes to Mailbox Data Regis-
ter
[30:17]
Reserved
Reserved
N
Reserved
31
n/a
n/a
N
See Table 15-7, "GIRQx Source Register", Table 15-8,
"GIRQx Enable Set Register", Table 15-10, "GIRQx
Enable Clear Register", and Table 15-9, "GIRQx Result
Register" for a definition of this bit for the Source, Enable,
and Result registers.
TABLE 15-19: BIT DEFINITIONS FOR GIRQ16 SOURCE, ENABLE, AND RESULT REGISTERS
Bit
Block Instance
Name
Source Name
Wake
Source Description
[2:0]
Reserved
Reserved
N
Reserved
3
PECIHOST
PECIHOST
NPECI Host
[30:4]
Reserved
Reserved
N
Reserved
31
n/a
n/a
N
See Table 15-7, "GIRQx Source Register", Table 15-8,
"GIRQx Enable Set Register", Table 15-10, "GIRQx
Enable Clear Register", and Table 15-9, "GIRQx Result
Register" for a definition of this bit for the Source, Enable,
and Result registers.
TABLE 15-20: BIT DEFINITIONS FOR GIRQ17 SOURCE, ENABLE, AND RESULT REGISTERS
Bit
Block Instance
Name
Source Name
Wake
Source Description
0
IRQ_TACH0
TACH
N
This internal signal is generated from the OR’d result of
the status events, as defined in the TACHx Status Regis-
ter..
1
IRQ_TACH1
TACH
N
This internal signal is generated from the OR’d result of
the status events, as defined in the TACHx Status Regis-
ter.
2
PS2_0_WK
PS2_DAT0 pin
Y
PS2_0 Start Detect from pin signal PS2_DAT0 (see
Note 15-2 on page 215).
3
PS2_1_WK
PS2_DAT1 pin
Y
PS2_1 Start Detect from pin signal PS2_DAT1 (see
Note 15-2 on page 215).
4
PS2_2_WK
PS2_DAT2 pin
Y
PS2_2 Start Detect from pin signal PS2_DAT2 (see
Note 15-2 on page 215).
5
PS2_3_WK
PS2_DAT3 pin
Y
PS2_3 Start Detect from pin signal PS2_DAT3 (see
Note 15-2 on page 215).
6
BC_INT_N_WK
BC_LINK
Y
Interrupt from the BC_LINK Companion BC_INT# pin
(see Note 15-2 on page 215).
[9:7]
Reserved
Reserved
N
Reserved
10
ADC_SNGL
ADC_Single_Int
N
Interrupt signal from ADC controller to EC for Single-
Sample ADC conversion
11
ADC_RPT
ADC_Repeat_Int
N
Interrupt signal from ADC controller to EC for Repeated
ADC conversion
12
MCHP Reserved
MCHP Reserved
N
MCHP Reserved
TABLE 15-18: BIT DEFINITIONS FOR GIRQ15 SOURCE, ENABLE, AND RESULT REGISTERS
Bit
Block Instance
Name
Source Name
Wake
Source Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com