Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 215 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 215 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 211Page - Microchip Technology MEC1322 Datasheet HTML 212Page - Microchip Technology MEC1322 Datasheet HTML 213Page - Microchip Technology MEC1322 Datasheet HTML 214Page - Microchip Technology MEC1322 Datasheet HTML 215Page - Microchip Technology MEC1322 Datasheet HTML 216Page - Microchip Technology MEC1322 Datasheet HTML 217Page - Microchip Technology MEC1322 Datasheet HTML 218Page - Microchip Technology MEC1322 Datasheet HTML 219Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 215
MEC1322
Note 15-2
All wakeup interrupts associated with pins must be configured as falling edge interrupts through the
associated GPIO control register.
15.9.17
BLOCK ENABLE SET REGISTER
IRQ Vector Enable Set [31:0]
Each IRQ Vector can be individually enabled to assert an interrupt event to the EC.
0= Writing a zero has no effect.
1
16-bit Timer_1
TIMER_32_x
N
This interrupt event fires when a 32-bit timer x reaches its
limit. This event is sourced by the tEVENT_INTERRUPT
status bit if enabled.
2
16-bit Timer_2
TIMER_32_x
N
This interrupt event fires when a 32-bit timer x reaches its
limit. This event is sourced by the tEVENT_INTERRUPT
status bit if enabled.
3
16-bit Timer_3
TIMER_32_x
N
This interrupt event fires when a 32-bit timer x reaches its
limit. This event is sourced by the tEVENT_INTERRUPT
status bit if enabled.
4
32-bit Timer_0
TIMER_32_x
N
This interrupt event fires when a 32-bit timer x reaches its
limit. This event is sourced by the tEVENT_INTERRUPT
status bit if enabled.
5
32-bit Timer_1
TIMER_32_x
N
This interrupt event fires when a 32-bit timer x reaches its
limit. This event is sourced by the tEVENT_INTERRUPT
status bit if enabled.
[30:6]
Reserved
Reserved
N
Reserved
31
n/a
n/a
N
See Table 15-7, "GIRQx Source Register", Table 15-8,
"GIRQx Enable Set Register", Table 15-10, "GIRQx
Enable Clear Register", and Table 15-9, "GIRQx Result
Register" for a definition of this bit for the Source, Enable,
and Result registers.
Offset
200h
32-bit
Size
POWER
VCC1
0000_0000h
VCC1_RESET
Default
BIT
D31
D30
D29
D28
D27
D26
D25
D24
TYPE
R
RRRRR
R
R
BIT NAME
Reserved
BIT
D23
D22
D21
D20
D19
D18
D17
D16
TYPE
R/WS
R/WS
R/WS
R/WS
R/WS
R/WS
R/WS
R/WS
BIT NAME
IRQ Vector Enable Set [23:16]
BIT
D15
D14
D13
D12
D11
D10
D9
D8
TYPE
R/WS
R/WS
R/WS
R/WS
R/WS
R/WS
R/WS
R/WS
BIT NAME
IRQ Vector Enable Set [15:8]
BIT
D7
D6D5D4D3D2
D1
D0
TYPE
R
RRRRR
R
R
BIT NAME
Reserved
TABLE 15-26: BIT DEFINITIONS FOR GIRQ23 SOURCE, ENABLE, AND RESULT REGISTERS
Bit
Block Instance
Name
Source Name
Wake
Source Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com